Electronic Components Datasheet Search
  English  ▼

X  

TFS757 Datasheet(PDF) 31 Page - Power Integrations, Inc.

Part # TFS757
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High Voltage MOSFETs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TFS757 Datasheet(HTML) 31 Page - Power Integrations, Inc.

Back Button TFS757 Datasheet HTML 27Page - Power Integrations, Inc. TFS757 Datasheet HTML 28Page - Power Integrations, Inc. TFS757 Datasheet HTML 29Page - Power Integrations, Inc. TFS757 Datasheet HTML 30Page - Power Integrations, Inc. TFS757 Datasheet HTML 31Page - Power Integrations, Inc. TFS757 Datasheet HTML 32Page - Power Integrations, Inc. TFS757 Datasheet HTML 33Page - Power Integrations, Inc. TFS757 Datasheet HTML 34Page - Power Integrations, Inc. TFS757 Datasheet HTML 35Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
Rev. E 04/15
31
TFS757-764HG
www.power.com
Typical Performance Characteristics (cont.)
0
0
4
8
12
16
VDDH Votage (V)
20
10
30
0
-50 -25
0
25
50
75 100 125
Temperature (°C)
50
75
25
100
0
-50 -25
0
25
50
75 100 125
Temperature (°C)
50
75
25
100
0
0
2
4
6
8 10 12 14 16 18 20
STANDBY DRAIN Voltage (V)
1
1.5
.5
T
CASE = 25 °C
T
CASE = 100 °C
2
2.5
5
0
0
2
4
6
8 10 12 14 16 18 20
DRAIN Voltage (V)
2
1
T
CASE = 25 °C
T
CASE = 100 °C
4
3
TFS757
0.4
TFS758
0.6
TFS759
0.8
TFS760
1.0
TFS761
1.2
TFS762
1.4
TFS763
1.6
TFS764
1.8
Scaling Factors:
0
100
200
300
400
500
600
0
10
100
1000
STANDBY DRAIN Pin Voltage (V)
Figure 41. VDDH Current vs. VDDH Voltage.
Figure 43. Duty Cycle vs. Temperature (I
L = 115 mA, IR = 140 mA)
Figure 45. Drain Supply. Output Characteristics.
Figure 42. Duty Cycle vs. Temperature (T
J = 100 mA, JR = 110 mA).
Figure 44. Standby Supply. Output Characteristics.
Figure 46. Standby Supply. Drain Capacitance vs. Drain Voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com