Electronic Components Datasheet Search
  English  ▼

X  

TFS757 Datasheet(PDF) 32 Page - Power Integrations, Inc.

Part # TFS757
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High Voltage MOSFETs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TFS757 Datasheet(HTML) 32 Page - Power Integrations, Inc.

Back Button TFS757 Datasheet HTML 28Page - Power Integrations, Inc. TFS757 Datasheet HTML 29Page - Power Integrations, Inc. TFS757 Datasheet HTML 30Page - Power Integrations, Inc. TFS757 Datasheet HTML 31Page - Power Integrations, Inc. TFS757 Datasheet HTML 32Page - Power Integrations, Inc. TFS757 Datasheet HTML 33Page - Power Integrations, Inc. TFS757 Datasheet HTML 34Page - Power Integrations, Inc. TFS757 Datasheet HTML 35Page - Power Integrations, Inc. TFS757 Datasheet HTML 36Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
Rev. E 04/15
32
TFS757-764HG
www.power.com
Typical Performance Characteristics (cont.)
0
100
200
300
400
500
600
10
100
1000
10000
DRAIN Pin Voltage (V)
TFS757
0.4
TFS758
0.6
TFS759
0.8
TFS760
1.0
TFS761
1.2
TFS762
1.4
TFS763
1.6
TFS764
1.8
Scaling Factors:
250
200
100
100
150
0
0
200
100
400 500 600
300
700
STANDBY DRAIN Pin Voltage (V)
132 kHz
500
400
200
100
300
0
0
200
100
400 500 600
300
700
66 kHz
DRAIN Pin Voltage (V)
TFS757
0.4
TFS758
0.6
TFS759
0.8
TFS760
1.0
TFS761
1.2
TFS762
1.4
TFS763
1.6
TFS764
1.8
Scaling Factors:
Figure 47. Main Supply. Drain Capacitance vs. Drain Voltage.
Figure 48. Standby Supply. Power vs. Drain Voltage.
Figure 49. Main Supply. Power vs. Drain Voltage.
Figure 50. High-Side MOSFET Drain Current vs. Drain Voltage.
Figure 51. High-Side MOSFET Drain Current vs. Drain Voltage.
Figure 52. High-Side MOSFET Breakdown Voltage vs. Temperature.
20
0
0
1
2
3
4
5
6
7
DRAIN Voltage (V)
5
15
10
25 °C
100 °C
T
J = 25 °C
T
J = 100 °C
TFS757
0.17
TFS758
0.25
TFS759/760 0.33
TFS761
0.42
TFS762
0.50
TFS763/764 0.63
Scaling Factors:
0
100
200
300
400
100
1000
Drain Voltage (VHD-VHS)
TFS757
0.17
TFS758
0.25
TFS759/760 0.33
TFS761
0.42
TFS762
0.50
TFS763/764 0.63
Scaling Factors:
1.1
1.0
0.9
-50 -25
0
25
50 75 100 125 150
Temperature (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com