Electronic Components Datasheet Search
  English  ▼

X  

TFS757 Datasheet(PDF) 17 Page - Power Integrations, Inc.

Part # TFS757
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High Voltage MOSFETs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TFS757 Datasheet(HTML) 17 Page - Power Integrations, Inc.

Back Button TFS757 Datasheet HTML 13Page - Power Integrations, Inc. TFS757 Datasheet HTML 14Page - Power Integrations, Inc. TFS757 Datasheet HTML 15Page - Power Integrations, Inc. TFS757 Datasheet HTML 16Page - Power Integrations, Inc. TFS757 Datasheet HTML 17Page - Power Integrations, Inc. TFS757 Datasheet HTML 18Page - Power Integrations, Inc. TFS757 Datasheet HTML 19Page - Power Integrations, Inc. TFS757 Datasheet HTML 20Page - Power Integrations, Inc. TFS757 Datasheet HTML 21Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Rev. E 04/15
17
TFS757-764HG
www.power.com
Figure 20. Non-Latching Output OVP.
Figure 21. Remote ON and Standby Bias.
HD
HS
D
G
S
HiperTFS VDDH
R
L
FB
EN
BP
DSB
CONTROL
PI-5878-111710
VOUT
V1
VOUT(OV) = V1 + 1 V
VIN
VBIAS
R1 ≤
R1
VAUX - VCE_OPTO
IL(MA_OVOFF)
R1 ≤
12 V - 0.3 V
146
µA
HD
HS
D
G
S
HiperTFS VDDH
R
L
FB
EN
BP
DSB
CONTROL
PI-5877-111710
Standby Out
VBIAS
R3
10 k
Ω
Q1
R4
1 k
Ω
13 V
REM
R1
6 V
R2
IREMOTE_MIN = 1 mA
ISTANDBY_MIN = 900 µA
ION_MIN = 5 mA
VON
R1 =
VON - 6.7 V
5 mA
R2 =
VAUX(MIN) - 6 V
900
µA
Remote ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com