Electronic Components Datasheet Search
  English  ▼

X  

TFS757 Datasheet(PDF) 18 Page - Power Integrations, Inc.

Part # TFS757
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High Voltage MOSFETs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TFS757 Datasheet(HTML) 18 Page - Power Integrations, Inc.

Back Button TFS757 Datasheet HTML 14Page - Power Integrations, Inc. TFS757 Datasheet HTML 15Page - Power Integrations, Inc. TFS757 Datasheet HTML 16Page - Power Integrations, Inc. TFS757 Datasheet HTML 17Page - Power Integrations, Inc. TFS757 Datasheet HTML 18Page - Power Integrations, Inc. TFS757 Datasheet HTML 19Page - Power Integrations, Inc. TFS757 Datasheet HTML 20Page - Power Integrations, Inc. TFS757 Datasheet HTML 21Page - Power Integrations, Inc. TFS757 Datasheet HTML 22Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
Rev. E 04/15
18
TFS757-764HG
www.power.com
Figure 22. Input OVP (Latching).
Figure 23. Non-latching Input OVP.
HD
HS
D
G
S
HiperTFS VDDH
R
L
FB
EN
BP
DSB
CONTROL
PI-5875-111710
VBIAS
20 k
Ω
100 k
Ω
10 k
Ω
R1
90 k
Ω
VR1
(+12 V)
VIN
R2
3.9 M
Ω
R1 + R2 = 4 MΩ
IL(OV) =
VIN(OV)
R1 + R2
R1 =
VR1 - 1.9 V
IL(OV)
HD
HS
D
G
S
HiperTFS VDDH
R
L
FB
EN
BP
DSB
CONTROL
PI-5876-111710
VIN
VBIAS
R1
90 k
Ω
VR1
(+12 V)
300 k
Ω
10 k
Ω
R2
3.9 M
Ω
R1 + R2 = 4 MΩ
IL(OV) =
VIN(OV)
R1 + R2
R1 =
VR1 - 1.9 V
IL(OV)
100 k
Ω
Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com