Electronic Components Datasheet Search
  English  ▼

X  

TFS757 Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # TFS757
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High Voltage MOSFETs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TFS757 Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button TFS757 Datasheet HTML 6Page - Power Integrations, Inc. TFS757 Datasheet HTML 7Page - Power Integrations, Inc. TFS757 Datasheet HTML 8Page - Power Integrations, Inc. TFS757 Datasheet HTML 9Page - Power Integrations, Inc. TFS757 Datasheet HTML 10Page - Power Integrations, Inc. TFS757 Datasheet HTML 11Page - Power Integrations, Inc. TFS757 Datasheet HTML 12Page - Power Integrations, Inc. TFS757 Datasheet HTML 13Page - Power Integrations, Inc. TFS757 Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Rev. E 04/15
10
TFS757-764HG
www.power.com
A resistor R
FB is connected from the BYPASS pin to the
FEEDBACK pin. This resistor feeds current into the FEEDBACK
pin (who’s voltage is clamped to approximately 1 V during this
detection period). The current into the FEEDBACK pin is
determined by the value of the resistor, and thus the input
current (and indirectly the resistor value), select an internal
current limit according to the following table.
Main Line Undervoltage Detection (UV)
The LINE-SENSE pin resistor is connected to V
IN and generates
a current signal proportional to V
IN. The LINE-SENSE pin voltage
is held by the device at 2.35 V. The LINE-SENSE pin current
signal is used to trigger under/overvoltage thresholds for both the
standby and main converters. Assuming a LINE-SENSE pin
resistor of 4 M
W, the standby will begin operating when the
LINE-SENSE pin current exceeds the (I
L(SB-UVON)) threshold,
nominally approximately 100 V. However the main is still held in
the off-state, until the LINE-SENSE pin current exceeds the
(I
L(MA-UVON)) threshold, nominally 315 V for 4 MW. There is
hysteresis for both main and standby undervoltage-off
thresholds, to allow sufficient margin to avoid accidental
triggering, and to provide sufficient margin to meet hold-up time
requirements. Bear in mind that the main converter may start to
loose regulation before it finally shuts down. This is because
the dynamic duty cycle limit may clamp the duty cycle below
that required for regulation at lower input voltages. Once the
input voltage falls below the 215 V (I
L(MA_UVOFF)) threshold, the
main will shutdown but standby will continue to operate. The
standby will turn off when the input voltage drops below
approximately 40 V (I
L(SB-UVON)).
Figure 9.
Current Limit Selection.
Table 3.
FEEDBACK Pin Main Current Limit Selection.
I
FB
(Threshold)
I
LIMIT
R
FB(SELECT)
(1%)
0.0-5.1
mA
L1
60%
mA
Open
k
W
5.1-11.9
mA
L2
80%
mA
511.0
k
W
11.9-23.8
mA
L3
100%
mA
232.0
k
W
UV(ON)STANDBY, I(L) = 25 µA
4.7 V
1 V
5.7 V
I(L)
V(BP)
V(FB)
V(EN)
T
SELECT - current limit selection occurs here during
device start-up and before power supply switching
2.7 V
2.2 V
6.0 V after
standby
acheives
regulation
PI-5975-102610
Figure 8.
Duty Cycle Limit vs. Ratio of R Pin Current Over L Pin Current.
0.5
1.0
1.5
2.0
3.0
2.5
IR/IL
0.7
0.6
0.5
0.4
IL = 60 µA
IL = 90 µA
IL = 100 µA
IL = 115 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com