Electronic Components Datasheet Search
  English  ▼

X  

TFS757 Datasheet(PDF) 30 Page - Power Integrations, Inc.

Part # TFS757
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High Voltage MOSFETs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TFS757 Datasheet(HTML) 30 Page - Power Integrations, Inc.

Back Button TFS757 Datasheet HTML 26Page - Power Integrations, Inc. TFS757 Datasheet HTML 27Page - Power Integrations, Inc. TFS757 Datasheet HTML 28Page - Power Integrations, Inc. TFS757 Datasheet HTML 29Page - Power Integrations, Inc. TFS757 Datasheet HTML 30Page - Power Integrations, Inc. TFS757 Datasheet HTML 31Page - Power Integrations, Inc. TFS757 Datasheet HTML 32Page - Power Integrations, Inc. TFS757 Datasheet HTML 33Page - Power Integrations, Inc. TFS757 Datasheet HTML 34Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
Rev. E 04/15
30
TFS757-764HG
www.power.com
1.2
1.0
0.8
0.6
0.4
0.2
0
-50 -25
0
25
50
75
100 125
Junction Temperature (
°C)
Typical Performance Characteristics (cont.)
Figure 36. L Pin Voltage vs. L Pin Current.
Figure 37. R Pin Voltage vs. R Pin Current.
Figure 38. FEEDBACK Pin Current vs. FEEDBACK Pin Voltage.
Figure 39. ENABLE Pin Current vs. ENABLE Pin Voltage.
Figure 40. BYPASS Pin Current vs. BYPASS Pin Voltage.
Figure 35. Standby Supply. Undervoltage Threshold vs.
Junction Temperature.
0
0
20
40
80 100 120 140
60
160
L Pin Current (μA)
4
2
3
1
5
0
0
50
150
200
100
250
R Pin Current (μA)
4
2
3
1
5
-5
FEEDBACK Pin Voltage (V)
0
-1
-2
-3
-4
1
0
1
2
3
4
5
7
6
-200
ENABLE Pin Voltage (V)
300
200
100
0
-100
500
400
0
1
2
3
4
5
7
6
0
0.0
2.0
4.0
6.0
8.0
BYPASS Pin Voltage (V)
20
10
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com