Electronic Components Datasheet Search
  English  ▼

X  

TFS757 Datasheet(PDF) 16 Page - Power Integrations, Inc.

Part # TFS757
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High Voltage MOSFETs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TFS757 Datasheet(HTML) 16 Page - Power Integrations, Inc.

Back Button TFS757 Datasheet HTML 12Page - Power Integrations, Inc. TFS757 Datasheet HTML 13Page - Power Integrations, Inc. TFS757 Datasheet HTML 14Page - Power Integrations, Inc. TFS757 Datasheet HTML 15Page - Power Integrations, Inc. TFS757 Datasheet HTML 16Page - Power Integrations, Inc. TFS757 Datasheet HTML 17Page - Power Integrations, Inc. TFS757 Datasheet HTML 18Page - Power Integrations, Inc. TFS757 Datasheet HTML 19Page - Power Integrations, Inc. TFS757 Datasheet HTML 20Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Rev. E 04/15
16
TFS757-764HG
www.power.com
Figure 18. High-Side Bias.
Figure 19. Latching Output OVP.
HD
HS
D
G
S
HiperTFS VDDH
R
L
FB
EN
BP
DSB
CONTROL
PI-5881-082610
C3
C1
R1
VIN
VAUX
C2
CR1
Minimum Supply Current to
VDDH = 1 mA
Main Transformer
VHIGH_BIAS
Standby Transformer
VHIGH_BIAS_(MIN) = VAUX_(MIN) = 14 V
VHIGH_BIAS –VDDH
1 mA
R1_MAX =
HD
HS
D
G
S
HiperTFS VDDH
R
L
FB
EN
BP
DSB
CONTROL
PI-5879-111710
G
S
VBIAS
VOUT
R1
IC1
(CTR = 1)
V1
VOUT(OV) = (15 mA × R1) + V1 + 1
IOVP ≥ 15 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com