Electronic Components Datasheet Search
  English  ▼

X  

LTC2855 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC2855
Description  ±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2855 Datasheet(HTML) 5 Page - Analog Devices

  LTC2855 Datasheet HTML 1Page - Analog Devices LTC2855 Datasheet HTML 2Page - Analog Devices LTC2855 Datasheet HTML 3Page - Analog Devices LTC2855 Datasheet HTML 4Page - Analog Devices LTC2855 Datasheet HTML 5Page - Analog Devices LTC2855 Datasheet HTML 6Page - Analog Devices LTC2855 Datasheet HTML 7Page - Analog Devices LTC2855 Datasheet HTML 8Page - Analog Devices LTC2855 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC2862A
5
Rev. A
For more information www.analog.com
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Driver – High Speed (LTC2862A-1)
fMAX
Maximum Data Rate
(Note 3)
l
20
Mbps
tPLHD, tPHLD
Driver Input to Output
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
25
50
ns
ΔtPD
Driver Input to Output Difference
|tPLHD – tPHLD|
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
2
5
ns
tSKEWD
Driver Output A to Output B
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
±10
ns
tRD, tFD
Driver Rise or Fall Time
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
4
15
ns
tZLD, tZHD
Driver Enable Time
RL = 27Ω, CL = 100pF,
RE = 0V (Figure 5)
l
25
50
ns
tLZD, tHZD
Driver Disable Time
RL = 27Ω, CL = 100pF,
RE = 0V (Figure 5)
l
45
75
ns
tZHSD, tZLSD
Driver Enable from Shutdown
RL = 27Ω, CL = 100pF,
RE = High (Figure 5)
l
5
10
µs
tSHDND
Time to Shutdown
RL = 27Ω, CL = 100pF,
RE = High (Figure 5)
l
50
90
ns
Driver – Slew Rate Limited (LTC2862A-2)
fMAXS
Maximum Data Rate
(Note 3)
l
250
kbps
tPLHDS, tPHLDS Driver Input to Output
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
850
1500
ns
ΔtPDS
Driver Input to Output Difference
|tPLHDS – tPHLDS|
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
10
150
ns
tSKEWDS
Driver Output A to Output B
RDIFF = 54Ω, CL = 100pF (Figure 4)
l
±500
ns
tRDS, tFDS
Driver Rise or Fall Time
RDIFF = 54Ω, CL =100pF (Figure 4)
l
500
800
1200
ns
tZLDS, tZHDS
Driver Enable Time
RL = 27Ω, CL = 100pF,
RE = 0V (Figure 5)
l
400
800
ns
tLZDS, tHZDS
Driver Disable Time
RL = 27Ω, CL = 100pF,
RE = 0V (Figure 5)
l
45
75
ns
tZHSDS, tZLSDS Driver Enable from Shutdown
RL = 27Ω, CL = 100pF,
RE = High (Figure 5)
l
6
11
µs
tSHDNDS
Time to Shutdown
RL = 27Ω, CL = 100pF,
RE = High (Figure 5)
l
50
90
ns
Receiver
tPLHR, tPHLR
Receiver Input to Output (LTC2862A-1)
CL = 15pF, VCM = 0V, |VAB| = 1.5V,
tR and tF < 4ns (Figure 6)
l
50
65
ns
tPLHRS, tPHLRS Receiver Input to Output (LTC2862A-2)
CL = 15pF, VCM = 0V, |VAB| = 1.5V,
tR and tF < 4ns (Figure 6)
l
400
700
ns
tSKEWR
Differential Receiver Skew
|tPLHR – tPHLR| (LTC2862A-1)
CL = 15pF (Figure 6)
l
1
5
ns
tSKEWRS
Differential Receiver Skew
|tPLHRS – tPHLRS| (LTC2862A-2)
CL = 15pF (Figure 6)
l
5
30
ns
tPFSN
Failsafe Enter Delay (LTC2862A-1)
CL = 15pF, VCM = 0V, |VAB| = 1.5V,
tR and tF < 4ns (Figure 8)
l
80
110
ns
tPFSNS
Failsafe Enter Delay (LTC2862A-2)
CL = 15pF, VCM = 0V, |VAB| = 1.5V,
tR and tF < 4ns (Figure 8)
l
1.5
2.3
µs
SWITCHING CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V unless otherwise noted. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com