Electronic Components Datasheet Search
  English  ▼

X  

LTC2855 Datasheet(PDF) 15 Page - Analog Devices

Part # LTC2855
Description  ±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2855 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTC2855 Datasheet HTML 11Page - Analog Devices LTC2855 Datasheet HTML 12Page - Analog Devices LTC2855 Datasheet HTML 13Page - Analog Devices LTC2855 Datasheet HTML 14Page - Analog Devices LTC2855 Datasheet HTML 15Page - Analog Devices LTC2855 Datasheet HTML 16Page - Analog Devices LTC2855 Datasheet HTML 17Page - Analog Devices LTC2855 Datasheet HTML 18Page - Analog Devices LTC2855 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LTC2862A
15
Rev. A
For more information www.analog.com
The LTC2862A uses fully symmetric positive and negative
receiver thresholds VTH– and VTH+ (typically ±125mV) to
maintaingooddutycyclesymmetryatlowsignallevels.The
failsafe operation is performed with a window comparator
to determine when the differential input voltage falls above
the VTFS failsafe threshold (typically –75mV) but below
the VTH+ threshold. If this condition persists for more
than about 40ns for the LTC2862A-1 or 1.2µs for the
LTC2862A-2 the failsafe condition is asserted and the RO
pin is forced to the logic 1 state. This circuit provides full
failsafe operation and a large dynamic signal hysteresis of
~250mV between VTH– and VTH+ with no negative impact
to receiver duty cycle symmetry, as shown in Figure 9.
The input signal in Figure 9 was obtained by driving a
10Mbps RS485 signal through 1000 feet of cable, thereby
attenuating it to a ±200mV signal with slow rise and fall
times.GooddutycyclesymmetryisobservedatROdespite
the degraded input signal.
The failsafe circuit has been enhanced with noise filtering
to exit the failsafe state. In the absence of noise filtering, a
noisetransientthatmomentarilyforcestheA-Bdifferential
voltage below the VTH– receiver threshold will cause the
RO output to go low, which may be interpreted as a false
start character by the microcontroller. The LTC2862A
receiver reduces these false signals by low pass filtering
the signal to exit the failsafe state. The noise filtering in the
failsafe circuit of the LTC2862A-2 is much greater than in
the LTC2862A-1, commensurate with its lower data rate.
For example, the LTC2862A-1 exits the failsafe state when
a –1V differential pulse of about 3ns duration is applied,
whiletheLTC2862A-2requiresa–1Vpulseofabout400ns
duration to exit the failsafe state. (The minimum pulse
widths to enter or exit the failsafe state are not tested in
production, but the underlying filtering is reflected in the
tFSN, tFSX, tFSNS, and tFSXS measurements).
Enhanced Receiver Noise Immunity
An additional benefit of the fully symmetric receiver
thresholds is enhanced receiver noise immunity. The
differential input signal must go above the positive
threshold to register as a logic 1 and go below the
negative threshold to register as a logic 0. This provides
a hysteresis of 250mV (typical) at the receiver inputs for
any valid data signal. (An invalid data condition such as
a DC sweep of the receiver inputs will produce a different
observed hysteresis due to the activation of the failsafe
circuit.) Competing devices that employ a negative offset
of the input threshold voltage generally have a much
smaller hysteresis and subsequently have lower receiver
noise immunity.
The LTC2862A-2 provides additional noise immunity
by adding low-pass filtering to the differential signal in
its receiver. Commensurate with its maximum data rate
of 250kbps, the LTC2862A-2 receiver attenuates high
frequency signals above approximately 660kHz. This low-
pass filter removes high frequency noise transients that
might otherwise be interpreted as data. (High frequency
noisefilteringisnottestedinproduction,buttheunderlying
filtering is reflected in the tPLHR, tPHLR, tPLHRS, and tPHLRS
measurements).
RS485 Network Biasing
RS485 networks are usually biased with a resistive divider
to generate a differential voltage of ≥200mV on the data
lines, which establishes a logic 1 state (the idle state)
when all the transmitters on the network are disabled. The
values of the biasing resistors are not fixed, but depend
on the number and type of transceivers on the line and
the number and value of terminating resistors. Therefore,
the values of the biasing resistors must be customized
to each specific network installation, and may change if
nodes are added to or removed from the network.
TheinternalfailsafefeatureoftheLTC2862Aeliminatesthe
need for external network biasing resistors provided they
are used in a network of transceivers with similar internal
failsafe features. The LTC2862A transceivers will operate
correctly on biased, unbiased, or under-biased networks.
Hi-Z State
The receiver output is internally driven high (to VCC) or
low (to GND) with no external pull-up needed. When the
receiver is disabled the RO pin becomes Hi-Z with a 250k
pull-up resistor to VCC.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com