Electronic Components Datasheet Search
  English  ▼

X  

LTC2855 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC2855
Description  ±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2855 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC2855 Datasheet HTML 5Page - Analog Devices LTC2855 Datasheet HTML 6Page - Analog Devices LTC2855 Datasheet HTML 7Page - Analog Devices LTC2855 Datasheet HTML 8Page - Analog Devices LTC2855 Datasheet HTML 9Page - Analog Devices LTC2855 Datasheet HTML 10Page - Analog Devices LTC2855 Datasheet HTML 11Page - Analog Devices LTC2855 Datasheet HTML 12Page - Analog Devices LTC2855 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC2862A
9
Rev. A
For more information www.analog.com
PIN FUNCTIONS
PIN NAME
PIN NUMBER
DESCRIPTION
RO
1
Receiver Output. If the receiver output is enabled (RE low) and A–B > 200mV, then RO will be high.
If A–B < –200mV, then RO will be low. If the receiver inputs are open, shorted, or terminated without a
signal, RO will be high. Integrated 250kΩ pull-up to VCC.
RE
2
Receiver Enable. A low input enables the receiver. A high input forces the receiver output into a high
impedance state. If RE is high with DE low, the part will enter a low power shutdown state.
DE
3
Driver Enable. A high input on DE enables the driver. A low input will force the driver outputs into a high
impedance state. If DE is low with RE high, the part will enter a low power shutdown state.
DI
4
Driver Input. If the driver outputs are enabled (DE high), then a low on DI forces the driver noninverting
output A low and inverting output B high. A high on DI, with the driver outputs enabled, forces the
driver noninverting output A high and inverting output B low.
GND
5
Ground.
Exposed Pad
9
Connect the exposed pad on the DFN packages to GND.
B
7
Inverting Receiver Input and Inverting Driver Output.
Impedance is ~112kΩ in receive mode or unpowered.
A
6
Noninverting Receiver Input and Noninverting Driver Output.
Impedance is ~112kΩ in receive mode or unpowered.
VCC
8
Power Supply. 3V < VCC < 5.5V. Bypass with 1µF ceramic capacitor to GND for best ESD performance.
LTC2862A
LOGIC INPUTS
MODE
A, B
RO
DE
RE
0
0
Receive
RIN
Active
0
1
Shutdown
RIN
High-Z*
1
0
Transceive
Active
Active
1
1
Transmit
Active
High-Z*
* 250kΩ pull-up to VCC.
FUNCTION TABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com