Electronic Components Datasheet Search
  English  ▼

X  

LTC2855 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC2855
Description  ±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2855 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC2855 Datasheet HTML 2Page - Analog Devices LTC2855 Datasheet HTML 3Page - Analog Devices LTC2855 Datasheet HTML 4Page - Analog Devices LTC2855 Datasheet HTML 5Page - Analog Devices LTC2855 Datasheet HTML 6Page - Analog Devices LTC2855 Datasheet HTML 7Page - Analog Devices LTC2855 Datasheet HTML 8Page - Analog Devices LTC2855 Datasheet HTML 9Page - Analog Devices LTC2855 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC2862A
6
Rev. A
For more information www.analog.com
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to device ground unless
otherwise specified.
Note 3: Maximum data rate is guaranteed by other measured parameters
and is not tested directly.
Note 4: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 150ºC when overtemperature protection is active.
Continuous operation above the specified maximum operating temperature
may result in device degradation or failure.
Note 5: Not tested in production.
SWITCHING CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tPFSX
Failsafe Exit Delay (LTC2862A-1)
CL = 15pF, VCM = 0V, |VAB| = 1.5V,
tR and tF < 4ns (Figure 8)
l
45
60
ns
tPFSXS
Failsafe Exit Delay (LTC2862A-2)
CL = 15pF, VCM = 0V, |VAB| = 1.5V,
tR and tF < 4ns (Figure 8)
l
0.7
1.3
µs
tRR, tFR
Receiver Output Rise or Fall Time
CL = 15pF (Figure 6)
l
3
6
ns
tZLR, tZHR
Receiver Enable Time
RL = 500Ω, CL = 15pF, DE = High
(Figure 7)
l
18
30
ns
tLZR, tHZR
Receiver Disable Time
RL = 500Ω, CL = 15pF, DE = High
(Figure 7)
l
29
40
ns
tZHSR, tZLSR
Receiver Enable from Shutdown
RL = 500Ω, CL = 15pF, DE = High
(Figure 7)
l
5
10
µs
tSHDNR
Time to Shutdown
RL = 500Ω, CL = 15pF, DE = High
(Figure 7)
l
24
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com