Electronic Components Datasheet Search
  English  ▼

X  

LTC2855 Datasheet(PDF) 18 Page - Analog Devices

Part # LTC2855
Description  ±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2855 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC2855 Datasheet HTML 14Page - Analog Devices LTC2855 Datasheet HTML 15Page - Analog Devices LTC2855 Datasheet HTML 16Page - Analog Devices LTC2855 Datasheet HTML 17Page - Analog Devices LTC2855 Datasheet HTML 18Page - Analog Devices LTC2855 Datasheet HTML 19Page - Analog Devices LTC2855 Datasheet HTML 20Page - Analog Devices LTC2855 Datasheet HTML 21Page - Analog Devices LTC2855 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTC2862A
18
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
PROFIBUS Compatible Interface
PROFIBUS is an RS485-based field bus. In addition
to the specifications of TIA/EIA-485-A, the PROFIBUS
specification contains additional requirements for cables,
interconnects, line termination, and signal levels. The
followingdiscussionappliestothePROFIBUSTypeAcables
with associated connectors and termination. The Type A
cable is a twisted pair shielded cable with a characteristic
impedance of 135Ω to 165Ω and a loop resistance of
< 110Ω/km.
The LTC2862A RS485 transceiver may be used in
PROFIBUS compatible equipment if the following
considerations are implemented. (Please refer to the
schematic of the PROFIBUS Compatible Interface in the
Typical Applications Section.)
1. The polarity of the PROFIBUS signal is opposite to the
polarity convention used in this data sheet. The PRO-
FIBUS B wire is driven by a non-inverted signal, while
the A wire is driven by an inverted signal. Therefore,
it is necessary to swap the output connections from
the transceiver. Pin A is connected to the PROFIBUS
B wire, and Pin B is connected to the PROFIBUS A
wire.
2. Each end of the PROFIBUS line is terminated with
a 220Ω resistor between B and A, a 390Ω pull-up
resistor between B and VCC, and a 390Ω pull-down
resistor between A and GND. This provides suitable
termination for the 150Ω twisted pair transmission
cable.
3. The peak to peak differential voltage VOD received at
the end of a 100m cable with the cable and termina-
tions described above must be greater than 4V and
less than 7V. The LTC2862A produces signal levels
in excess of 7V when driving this network directly.
8.2Ω resistors may be inserted between the A and
B pins of the transceiver and the B and A pins of the
PROFIBUS cable to attenuate the transmitted signal
to meet the PROFIBUS upper limit of 7V while still
providing enough drive strength to meet the lower
limit of 4V.
4. The LTC2862A transceiver should be powered by a
5% tolerance 5V supply (4.75V to 5.25V) to ensure
that the PROFIBUS VOD tolerances are met.
Auxiliary Protection for 5kV Surge, 5kV EFT, and 30kV
IEC ESD
An interface transceiver used in an industrial setting may
beexposedtoextremelyhighlevelsofelectricaloverstress
due to phenomena such as lightning surge, electrical fast
transient(EFT)fromswitchinghighcurrentinductiveloads,
and electrostatic discharge (ESD) from the discharge of
electricallychargedpersonnelorequipment.Testmethods
to evaluate immunity of electronic equipment to these
phenomena are defined in the IEC standards 61000-4-2,
61000-4-4, and 61000-4-5, which address ESD, EFT, and
surge,respectively.ThetransientsproducedbytheEFTand
particularlythesurgetestscontainmuchmoreenergythan
the ESD transients. The LTC2862A is designed for high
robustness against ESD, but the on-chip protection is not
able to absorb the energy associated with the 61000-4-5
surge transients. Therefore, a properly designed external
protection network is necessary to achieve a high level of
surge protection, and can also extend the ESD and EFT
performance of the LTC2862A to extremely high levels.
In addition to providing surge, EFT and ESD protection,
an external network should preserve or extend the ability
of the LTC2862A to withstand overvoltage faults, operate
over a wide common mode, and communicate at high
frequencies. In order to meet the first two requirements,
protection components with suitably high conduction
voltages must be chosen. A means to limit current must be
providedtopreventdamageincaseasecondaryprotection
deviceortheESDcellontheLTC2862Afiresandconducts.
The capacitance of these components must be kept low
in order to permit high frequency communication over a
network with multiple nodes. Meeting the requirements
for conducting very high energy electrical transients while
maintaining high hold-off voltages and low capacitance is
a considerable challenge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com