Electronic Components Datasheet Search
  English  ▼

X  

LTC2855 Datasheet(PDF) 19 Page - Analog Devices

Part # LTC2855
Description  ±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2855 Datasheet(HTML) 19 Page - Analog Devices

Back Button LTC2855 Datasheet HTML 15Page - Analog Devices LTC2855 Datasheet HTML 16Page - Analog Devices LTC2855 Datasheet HTML 17Page - Analog Devices LTC2855 Datasheet HTML 18Page - Analog Devices LTC2855 Datasheet HTML 19Page - Analog Devices LTC2855 Datasheet HTML 20Page - Analog Devices LTC2855 Datasheet HTML 21Page - Analog Devices LTC2855 Datasheet HTML 22Page - Analog Devices LTC2855 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LTC2862A
19
Rev. A
For more information www.analog.com
A protection network shown in the Typical Applications
section (Network for IEC Level 4 Protection Against 5kV
Surge, 5kV EFT and 30kV IEC ESD Plus ±360V Overvoltage
Protection) meets this challenge. The network provides
the following protection:
• IEC 61000-4-2 ESD Level 4: ±30kV contact, ±30kV
air (line to GND, direct discharge to bus pins with
transceiverandprotectioncircuitmountedonaground
referenced test card per Figure 4 of the standard)
• IEC 61000-4-4 EFT Level 4: ±5kV (line to GND, 5kHz
repetition rate, 15ms burst duration, 60 second test
duration,dischargecoupledtobuspinsthrough100pF
capacitor per paragraph 7.3.2 of the standard)
• IEC61000-4-5SurgeLevel4:±5kV(linetoGND,lineto
line, 8/20µs waveform, each line coupled to generator
through 80Ω resistor per Figure 14 of the standard)
This protection circuit adds only ~8pF of capacitance per
line(linetoGND),therebyprovidinganextremelyhighlevel
ofprotectionwithoutsignificantimpacttotheperformance
of the LTC2862A transceivers at high data rates.
APPLICATIONS INFORMATION
The gas discharge tubes (GDTs) provide the primary
protection against electrical surges. These devices
provide a very low impedance and high current carrying
capability when they fire, safely discharging the surge
current to GND. The transient blocking units (TBUs) are
solid state devices that switch from a low impedance pass
through state to a high impedance current limiting state
when a specified current level is reached. These devices
limit the current and power that can pass through to the
secondary protection. The secondary protection consists
of a bidirectional thyristor, which triggers above 35V to
protectthebuspinsoftheLTC2862Atransceiver.Thehigh
trigger voltage of the secondary protection maintains the
full ±25V common mode range of the receivers. The final
component of the network is the metal oxide varistors
(MOVs) which are used to clamp the voltage across the
TBUs to protect them against fast ESD and EFT transients
which exceed the turn-on time of the GDT.
The high performance of this network is attributable to
the low capacitance of the GDT and thyristor primary
and secondary protection devices. The high capacitance
MOV floats on the line and is shunted by the TBU, so it
contributes no appreciable capacitive load on the signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com