Electronic Components Datasheet Search
  English  ▼

X  

LTC2855 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC2855
Description  ±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2855 Datasheet(HTML) 1 Page - Analog Devices

  LTC2855 Datasheet HTML 1Page - Analog Devices LTC2855 Datasheet HTML 2Page - Analog Devices LTC2855 Datasheet HTML 3Page - Analog Devices LTC2855 Datasheet HTML 4Page - Analog Devices LTC2855 Datasheet HTML 5Page - Analog Devices LTC2855 Datasheet HTML 6Page - Analog Devices LTC2855 Datasheet HTML 7Page - Analog Devices LTC2855 Datasheet HTML 8Page - Analog Devices LTC2855 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC2862A
1
Rev. A
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
DESCRIPTION
±60V Fault Protected 3V to 5.5V RS485/RS422
Transceiver with Level 4 IEC ESD
RS485 Link With Large Ground Loop Voltage
FEATURES
APPLICATIONS
n
Protected from Overvoltage Line Faults to ±60V
n
3V to 5.5V Supply Voltage
n
20Mbps or Low EMI 250kbps Data Rate
n
±40kV HBM ESD Interface Pins, ±15kV Other Pins
n
Enhanced Receiver and Failsafe Noise Immunity
n
IEC Level 4 ESD and EFT on Interface Pins
n
Extended Common Mode Range: ±25V
n
Guaranteed Failsafe Receiver Operation
n
High Input Impedance Supports 224 Nodes
n
MP-Grade Option Available (–55°C to 125°C)
n
Fully Balanced Differential Receiver Thresholds for
Low Duty Cycle Distortion
n
Current Limited Drivers and Thermal Shutdown
n
Compliant with TIA/EIA-485-A
n
Pin Compatible with LTC2862 and LT®1785
n
Available in DFN and Leaded Packages
n
AEC-Q100 Qualified for Automotive Applications
(LTC2862A#W)
n
Supervisory Control and Data Acquisition (SCADA)
n
Industrial Control and Instrumentation Networks
n
Automotive and Transportation Electronics
n
Building Automation, Security Systems and HVAC
n
Medical Equipment
n
Lighting and Sound System Control
LTC2862A-1 Receiving 10Mbps ±200mV Differential
Signal with 1MHz ±25V Common Mode Sweep
PART NUMBER
DUPLEX
ENABLES
MAX DATA
RATE (bps)
LTC2862A-1
HALF
YES
20M
LTC2862A-2
HALF
YES
250k
TheLTC®2862Aisalowpower,20Mbpsor250kbpsRS485/
RS422 transceiver operating on 3V to 5.5V supplies with
±60V overvoltage fault protection on the interface pins
during all modes of operation, including power-down.
Improvements were made to the LTC2862 for greater ro-
bustness and signal integrity: ±40kV HBM and Level 4 IEC
ESD protection on the interface pins; increased resistance
toelectricaloverstress;increasedreceivernoiseimmunity;
additional receiver noise filtering on the LTC2862A-2; and
an improved failsafe function optimized for high speed in
the LTC2862A-1 and noise rejection in the LTC2862A-2.
Low EMI slew rate limited data transmission is available
inthe250kbpsLTC2862A-2option,whiletheLTC2862A-1
operates to 20Mbps.
Extended ±25V input common mode range and full fail-
safe operation improve data communication reliability in
electrically noisy environments and in the presence of
large ground loop voltages.
All registered trademarks and trademarks are the property of their respective owners.
PRODUCT SELECTION GUIDE
GND1
GND2
2862A TA01a
RO1
RE1
DE1
DI1
VCC1
LTC2862A
LTC2862A
VCC2
RO2
RE2
DE2
DI2
D
D
R
R
V GROUND LOOP
≤25V PEAK
A,B
50V/DIV
A–B
0.5V/DIV
100ns/DIV
2862A TA01b
RO
5V/DIV
RO
A,B
A–B


Similar Part No. - LTC2855

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2855 LINER-LTC2855 Datasheet
234Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2855 LINER-LTC2855 Datasheet
340Kb / 18P
20Mbps RS485 Transceivers
LTC2855 LINER-LTC2855 Datasheet
227Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2855 LINER-LTC2855 Datasheet
478Kb / 22P
짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
LTC2855 LINER-LTC2855 Datasheet
1Mb / 32P
짹60V Rugged PROFIBUS RS485 Transceivers
More results

Similar Description - LTC2855

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1785 LINER-LT1785_1 Datasheet
194Kb / 16P
60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_15 Datasheet
262Kb / 18P
60V Fault Protected RS485/RS422 Transceivers
LT1785A LINER-LT1785A_15 Datasheet
262Kb / 18P
60V Fault Protected RS485/RS422 Transceivers
LT1791A LINER-LT1791A_15 Datasheet
262Kb / 18P
60V Fault Protected RS485/RS422 Transceivers
LTC2862 LINER-LTC2862_15 Datasheet
386Kb / 26P
60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2863 LINER-LTC2863_15 Datasheet
386Kb / 26P
60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2864 LINER-LTC2864_15 Datasheet
386Kb / 26P
60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2865 LINER-LTC2865_15 Datasheet
386Kb / 26P
60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2862A LINER-LTC2862A Datasheet
478Kb / 22P
짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
logo
Analog Devices
LTC2862A AD-LTC2862A Datasheet
478Kb / 22P
짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com