Electronic Components Datasheet Search
  English  ▼

X  

LTC2855 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC2855
Description  ±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2855 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC2855 Datasheet HTML 16Page - Analog Devices LTC2855 Datasheet HTML 17Page - Analog Devices LTC2855 Datasheet HTML 18Page - Analog Devices LTC2855 Datasheet HTML 19Page - Analog Devices LTC2855 Datasheet HTML 20Page - Analog Devices LTC2855 Datasheet HTML 21Page - Analog Devices LTC2855 Datasheet HTML 22Page - Analog Devices LTC2855 Datasheet HTML 23Page - Analog Devices LTC2855 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC2862A
24
Rev. A
For more information www.analog.com
ANALOG DEVICES, INC. 2017-2021
www.analog.com
06/21
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT1785, LT1791
±60V Fault Protected RS485/RS422 Transceivers
±60V Tolerant, ±15kV ESD, 250kbps
LTC2863/LTC2864/
LTC2865
±60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
±60V Tolerant, ±15kV ESD, 20Mbps or 250kbps
LTC2877
±60V Rugged PROFIBUS RS485 Transceivers
PROFIBUS IEC 61158-2 Compliant, ±52kV ESD
LTM®2885
6500VRMS Isolated RS485/RS422 μModule® Transceiver + Power
6500VRMS for 1 Minute, Isolated Power: 5V at 150mA
LTC2850/LTC2851/
LTC2852
3.3V 20Mbps ±15kV RS485 Transceivers
Up to 256 Transceivers Per Bus
LTC2854, LTC2855 3.3V 20Mbps RS485 Transceivers with Integrated Switchable Termination ±25kV ESD (LTC2854), ±15kV ESD (LTC2855)
LTC2856-1 Family
5V 20Mbps and Slew Rate Limited RS485 Transceivers
±15kV ESD
LTC2859, LTC2861 5V 20Mbps RS485 Transceivers with Integrated Switchable Termination
±15kV ESD
LTC1535
Isolated RS485 Transceiver
2500VRMS Isolation, Requires External Transceiver
LTM2881
Complete 3.3V Isolated RS485/RS422 μModule Transceiver + Power
2500VRMS Isolation with Integrated Isolated DC/DC
Converter, 1W Power, Low EMI, ±15kV ESD, 30kV/µs
Common Mode Transient Immunity
Network for IEC Level 4 Protection Against 5kV Surge, 5kV EFT
and 30kV IEC ESD Plus ±360V Overvoltage Protection
2862A TA05
VCC
DE
SCR
GDT
SCR
A
B
DI
LTC2862A-1
GDT: BOURNS 2031-42T-SM; 420V GAS DISCHARGE TUBE
TBU: BOURNS TBU-CA085-300-WH; 850V TRANSIENT BLOCKING UNIT
MOV: BOURNS MOV-7D391K; 390V 25J METAL OXIDE VARISTOR
SCR: BOURNS TISP4P035L1NR-S; 35V BIDIRECTIONAL THYRISTOR
RO
D
R
GND
RE
MOV
MOV
TBU
TBU
GDT
GND
RS485 A
(EXTERNAL)
RS485 B
(EXTERNAL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com