Electronic Components Datasheet Search
  English  ▼

X  

AX88772 Datasheet(PDF) 11 Page - ASIX Electronics Corporation

Part # AX88772
Description  USB to 10/100 Fast Ethernet/HomePNA Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88772 Datasheet(HTML) 11 Page - ASIX Electronics Corporation

Back Button AX88772 Datasheet HTML 7Page - ASIX Electronics Corporation AX88772 Datasheet HTML 8Page - ASIX Electronics Corporation AX88772 Datasheet HTML 9Page - ASIX Electronics Corporation AX88772 Datasheet HTML 10Page - ASIX Electronics Corporation AX88772 Datasheet HTML 11Page - ASIX Electronics Corporation AX88772 Datasheet HTML 12Page - ASIX Electronics Corporation AX88772 Datasheet HTML 13Page - ASIX Electronics Corporation AX88772 Datasheet HTML 14Page - ASIX Electronics Corporation AX88772 Datasheet HTML 15Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
AX88772
USB to 10/100 Fast Ethernet/HomePNA Controller
communicating with multiple PHY devices at the same time by identifying the managed PHY with 5-bit, unique Phy ID.
The Phy ID of the embedded 10/100 Ethernet PHY is being pre-assigned to “1_0000”.
Figure 4 shows the internal control mux for the station management interface. When doing read, the “mdin” signal will be
driven from 10/100 Ethernet PHY only if Phy ID matches with “1_0000”, otherwise, it will always be driven from
external MDIO pin of the ASIC.
10/100 Ethernet
PHY
Phy ID = 1_0000
mdout
mdin
STA
MDC
MDIO
Figure 4: Internal Control Mux for Station Management Interface
3.5 Memory Arbiter
The memory arbiter block is responsible for storing received MAC frames into on-chip SRAM (packet buffer) and then
forwarding to USB bus upon request from USB host via bulk in transfer. It also monitors packet buffer usage in
full-duplex mode for triggering PAUSE frame transmission out on TX direction. The memory arbiter block is also
responsible for storing MAC frames received from USB host via bulk out transfer and waiting to be transmitted out
towards Ethernet network.
3.6 USB to Ethernet Bridge
The USB to Ethernet bridge block is responsible for converting Ethernet MAC frame into USB packets or vice-versa.
This block supports proprietary burst transfer mechanism (submitted for US patent application) to offload software
burden and to offer very high packet transfer throughput over USB bus.
3.7 Serial EEPROM Loader
The serial EEPROM loader is responsible for reading configuration data automatically from external serial EEPROM
after power-on reset.
3.8 General Purpose I/O
There are 3 general purpose I/O pins provided by this ASIC.
ASIX ELECTRONICS CORPORATION
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com