Electronic Components Datasheet Search
  English  ▼

X  

AX88772 Datasheet(PDF) 1 Page - ASIX Electronics Corporation

Part # AX88772
Description  USB to 10/100 Fast Ethernet/HomePNA Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88772 Datasheet(HTML) 1 Page - ASIX Electronics Corporation

  AX88772 Datasheet HTML 1Page - ASIX Electronics Corporation AX88772 Datasheet HTML 2Page - ASIX Electronics Corporation AX88772 Datasheet HTML 3Page - ASIX Electronics Corporation AX88772 Datasheet HTML 4Page - ASIX Electronics Corporation AX88772 Datasheet HTML 5Page - ASIX Electronics Corporation AX88772 Datasheet HTML 6Page - ASIX Electronics Corporation AX88772 Datasheet HTML 7Page - ASIX Electronics Corporation AX88772 Datasheet HTML 8Page - ASIX Electronics Corporation AX88772 Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
ASIX ELECTRONICS CORPORATION
Released Date: 6/21/2005
4F, NO.8, Hsin Ann Rd., Science-Based Industrial Park, Hsin-Chu City, Taiwan, R.O.C.
TEL: 886-3-579-9500
FAX: 886-3-579-9558
http://www.asix.com.tw/
AX88772
USB to 10/100 Fast Ethernet/HomePNA Controller
Document No: AX88772_07/6/21/05
Features
•
Single chip USB to 10/100 Fast Ethernet and
HomePNA and HomePlug Network Controller
•
Integrates on-chip 10/100Mbps Fast Ethernet PHY
•
USB specification 1.0 and 1.1 and 2.0 compliant
•
Supports USB Full and High Speed modes with Bus
power capability
•
Supports 4 endpoints on USB interface
•
High performance packet transfer rate over USB
bus using proprietary burst transfer mechanism
(submitted for US patent application)
•
IEEE
802.3
10BASE-T
and
100BASE-TX
compatible
•
Embedded 20KB SRAM for RX packet buffering
and 8KB SRAM for TX packet buffering
•
Supports
both
full-duplex
and
half-duplex
operation in Fast Ethernet
•
Provides optional MII interface for Ethernet PHY
and HomePNA/ HomePlug PHY interface
•
Supports Suspend mode and Remote Wakeup via
Link-up, Magic packet, or external pin
•
Optional PHY power down during Suspend mode
•
Supports 256/512 bytes (93c56/93c66) of serial
EEPROM (for storing USB Descriptors)
•
Supports automatic loading of Ethernet ID, USB
Descriptors
and
Adapter
Configuration
from
EEPROM after power-on initialization
•
External PHY loop-back diagnostic capability
•
Integrates on-chip 3.3V to 2.5V voltage regulator
and requires only single power supply: 3.3V
•
Small form factor with 128-pin LQFP package
•
12MHz and 25Mhz clock input from either crystal
or oscillator source
•
Operating temperature range: 0°C to 70°C.
*IEEE is a registered trademark of the Institute of Electrical and
Electronic Engineers, Inc.
*All other trademarks and registered trademark are the property of their
respective holders.
Product Description
The AX88772 USB to 10/100 Fast Ethernet/HomePNA/HomePlug controller is a high performance and highly integrated
ASIC with embedded 28KB SRAM for packet buffering. It enables low cost and affordable Fast Ethernet network
connection to desktop, notebook PC, and embedded system using popular USB ports. It has an USB interface to
communicate with USB host controller and is compliant with USB specification V1.0, V1.1 and V2.0. It implements
10/100Mbps Ethernet LAN function based on IEEE802.3, and IEEE802.3u standards or HomePNA standard. It
integrates an on-chip 10/100Mbps Ethernet PHY to simplify system design and provides an optional media-independent
interface (MII) for implementing Fast Ethernet and HomePNA functions.
System Block Diagram
Always contact ASIX for possible updates before starting a design.
This data sheet contains new products information. ASIX ELECTRONICS reserves the rights to modify product specification without notice. No
liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
USB I/F
AX88772
10/100 PHY (FX)
Magnetic
RJ45
RJ11
EEPROM
Home LAN PHY
Magnetic
RJ45
Magnetic


Similar Part No. - AX88772

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX88772 ASIX-AX88772 Datasheet
427Kb / 43P
USB to 10/100 Fast Ethernet/HomePNA Controller
AX88772A ASIX-AX88772A Datasheet
913Kb / 45P
USB 2.0 to 10/100M Fast Ethernet Controller
AX88772ALF ASIX-AX88772ALF Datasheet
913Kb / 45P
USB 2.0 to 10/100M Fast Ethernet Controller
AX88772B ASIX-AX88772B Datasheet
1Mb / 20P
AX88772B Product Introduction
AX88772C ASIX-AX88772C Datasheet
1Mb / 20P
AX88772C Product Introduction
More results

Similar Description - AX88772

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADM8513 ETC-ADM8513 Datasheet
567Kb / 44P
USB TO 10/100 MBPS ETHERNET LAN CONTROLLER
logo
ASIX Electronics Corpor...
AX88178L ASIX-AX88178L Datasheet
218Kb / 35P
USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
AX88172L ASIX-AX88172L Datasheet
229Kb / 28P
USB to Fast Ethernet/HomePNA Controller
AX88178 ASIX-AX88178 Datasheet
812Kb / 37P
USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
logo
List of Unclassifed Man...
KL5KUSB121 ETC-KL5KUSB121 Datasheet
303Kb / 17P
USB to 10/100 Ethernet Controller
logo
ASIX Electronics Corpor...
AX88170L ASIX-AX88170L Datasheet
316Kb / 39P
USB to Fast Ethernet/HomePNA Controller
AX88772A ASIX-AX88772A Datasheet
913Kb / 45P
USB 2.0 to 10/100M Fast Ethernet Controller
AX88772 ASIX-AX88772_07 Datasheet
427Kb / 43P
USB to 10/100 Fast Ethernet/HomePNA Controller
logo
Microchip Technology
LAN9500 MICROCHIP-LAN9500 Datasheet
1Mb / 213P
LAN950x USB 2.0 to 10/100 Ethernet Controller
03/25/14
logo
Infineon Technologies A...
ADM8511 INFINEON-ADM8511 Datasheet
7Mb / 109P
USB/Fast Ethernet/HomePNA Controller
Data Sheet, Rev. 2.03, Nov. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com