Electronic Components Datasheet Search
  English  ▼

X  

AX88772 Datasheet(PDF) 30 Page - ASIX Electronics Corporation

Part # AX88772
Description  USB to 10/100 Fast Ethernet/HomePNA Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88772 Datasheet(HTML) 30 Page - ASIX Electronics Corporation

Back Button AX88772 Datasheet HTML 26Page - ASIX Electronics Corporation AX88772 Datasheet HTML 27Page - ASIX Electronics Corporation AX88772 Datasheet HTML 28Page - ASIX Electronics Corporation AX88772 Datasheet HTML 29Page - ASIX Electronics Corporation AX88772 Datasheet HTML 30Page - ASIX Electronics Corporation AX88772 Datasheet HTML 31Page - ASIX Electronics Corporation AX88772 Datasheet HTML 32Page - ASIX Electronics Corporation AX88772 Datasheet HTML 33Page - ASIX Electronics Corporation AX88772 Datasheet HTML 34Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
AX88772
USB to 10/100 Fast Ethernet/HomePNA Controller
1 = Extended register capable
0 = Basic register capable only
7.1.3
PHY Identifier Register 1
Address 02h
Bit
Bit Name
Default
Description
15:0
OUI_MSB
003B hex, RO / PS
OUI most significant bits:
Bits 3 to 18 of the OUI are mapped to bits 15 to 0 of this register
respectively. The most significant two bits of the OUI are ignored.
7.1.4
PHY Identifier Register 2
Address 03h
Bit
Bit Name
Default
Description
15:10 OUI_LSB
00_0110, RO / PS
OUI least significant bits:
Bits 19 to 24 of the OUI are mapped to bits 15 to 10 of this register
respectively.
9:4
VNDR_MDL
00_0001, RO / PS
Vendor model number.
3:0
MDL_REV
0001, RO / PS
Model revision number.
7.1.5
Auto Negotiation Advertisement Register (ANAR)
Address 04h
Bit
Bit Name
Default
Description
15
NP
0, RO / PS
Next page indication:
0 = No next page available
The PHY does not support the next page function.
14
ACK
0, RO
Acknowledgement:
1 = Link partner ability data reception acknowledged
0 = Not acknowledged
13
RF
0, RW
Remote fault:
1 = Fault condition detected and advertised
0 = No fault detected
12:11 Reserved
X, RW
Reserved:
Write as 0, read as “don’t care”.
10
Pause
0, RW
Pause:
1 = Pause operation enabled for full-duplex links
0 = Pause operation not enabled
9
T4
0, RO/PS
100BASE-T4 support:
0 = 100BASE-T4 not supported
8
TX_FD
1, RW
100BASE-TX full-duplex support:
1 = 100BASE-TX full-duplex supported by this device
0 = 100BASE-TX full-duplex not supported by this device
7
TX_HD
1, RW
100BASE-TX half-duplex support:
1 = 100BASE-TX half-duplex supported by this device
0 = 100BASE-TX half-duplex not supported by this device
6
10_FD
1, RW
10BASE-T full-duplex support:
1 = 10BASE-T full-duplex supported by this PHY
0 = 10BASE-T full-duplex not supported by this PHY
5
10_HD
1, RW
10BASE-T half-duplex support:
1 = 10BASE-T half-duplex supported by this PHY
0 = 10BASE-T half-duplex not supported by this PHY
4:0
Selector
0_0001, RW
Protocol selection bits:
ASIX ELECTRONICS CORPORATION
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com