Electronic Components Datasheet Search
  English  ▼

X  

AX88772 Datasheet(PDF) 12 Page - ASIX Electronics Corporation

Part # AX88772
Description  USB to 10/100 Fast Ethernet/HomePNA Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88772 Datasheet(HTML) 12 Page - ASIX Electronics Corporation

Back Button AX88772 Datasheet HTML 8Page - ASIX Electronics Corporation AX88772 Datasheet HTML 9Page - ASIX Electronics Corporation AX88772 Datasheet HTML 10Page - ASIX Electronics Corporation AX88772 Datasheet HTML 11Page - ASIX Electronics Corporation AX88772 Datasheet HTML 12Page - ASIX Electronics Corporation AX88772 Datasheet HTML 13Page - ASIX Electronics Corporation AX88772 Datasheet HTML 14Page - ASIX Electronics Corporation AX88772 Datasheet HTML 15Page - ASIX Electronics Corporation AX88772 Datasheet HTML 16Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
AX88772
USB to 10/100 Fast Ethernet/HomePNA Controller
4.0 Serial EEPROM Memory Map
EEPROM
OFFSET
HIGH BYTE
LOW BYTE
00H
Reserved
Word Count For Preload
01H
Flag
02H
Length of High-Speed Device Descriptor (bytes)
EEPROM Offset of High-Speed Device Descriptor
03H
Length of High-Speed Configuration Descriptor
(bytes)
EEPROM Offset of High-Speed Configuration
Descriptor
04H
Node ID 1
Node ID 0
05H
Node ID 3
Node ID 2
06H
Node ID 5
Node ID 4
07H
Language ID High Byte
Language ID Low Byte
08H
Length of Manufacture String (bytes)
EEPROM Offset of Manufacture String
09H
Length of Product String (bytes)
EEPROM Offset of Product String
0AH
Length of Serial Number String (bytes)
EEPROM Offset of Serial Number String
0BH
Length of Configuration String (bytes)
EEPROM Offset of Configuration String
0CH
Length of Interface 0 String (bytes)
EEPROM Offset of Interface 0 String
0DH
Length of Interface 1/0 String (bytes)
EEPROM Offset of Interface 1/0 String
0EH
Length of Interface 1/1 String (bytes)
EEPROM Offset of Interface 1/1 String
0FH
Phy Register Offset for Interrupt Endpoint
Phy Register Offset for Interrupt Endpoint
10H
Max Packet Size High Byte
Max Packet Size Low Byte
11H
Secondary Phy_Type [7:5] and Phy_ID [4:0]
Primary Phy_Type [7:5] and Phy_ID [4:0]
12H
Pause Frame High Water Mark
Pause Frame Low Water Mark
13H
Length of Full-Speed Device Descriptor (bytes)
EEPROM Offset of Full-Speed Device Descriptor
14H
Length of Full-Speed Configuration Descriptor
(bytes)
EEPROM Offset of Full-Speed Configuration
Descriptor
15H-1FH
Reserved
Reserved
Table 2: Serial EEPROM Memory Map
ASIX ELECTRONICS CORPORATION
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com