Electronic Components Datasheet Search
  English  ▼

X  

AX88772 Datasheet(PDF) 26 Page - ASIX Electronics Corporation

Part # AX88772
Description  USB to 10/100 Fast Ethernet/HomePNA Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88772 Datasheet(HTML) 26 Page - ASIX Electronics Corporation

Back Button AX88772 Datasheet HTML 22Page - ASIX Electronics Corporation AX88772 Datasheet HTML 23Page - ASIX Electronics Corporation AX88772 Datasheet HTML 24Page - ASIX Electronics Corporation AX88772 Datasheet HTML 25Page - ASIX Electronics Corporation AX88772 Datasheet HTML 26Page - ASIX Electronics Corporation AX88772 Datasheet HTML 27Page - ASIX Electronics Corporation AX88772 Datasheet HTML 28Page - ASIX Electronics Corporation AX88772 Datasheet HTML 29Page - ASIX Electronics Corporation AX88772 Datasheet HTML 30Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
AX88772
USB to 10/100 Fast Ethernet/HomePNA Controller
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Reserved
IPPD
IPRL
BZ
PRL
PRTE
RT
RR
RR: Clear frame length error for Bulk In.
1: set high to clear state.
0: set low to exit clear state (default).
RT: Clear frame length error for Bulk Out.
1: set high to enter clear state.
0: set low to exit clear state (default).
PRTE: External Phy Reset pin Tri-state Enable.
1: Enable, i.e., the external PHYRST_N pin is tri-stated (default). This allows the PHYRST_N pin’s active level to
be controlled by external pulled-up (active high during power-on) or pulled-down resistor (active low during
power-on).
0: Disabled, i.e., the external PHYRST_N pin’s level is driven by either PRL bit or internal “USB RESET” based on
the setting in SCPR bit in Flag byte of EEPROM.
PRL: External Phy Reset pin Level. When SCPR bit = 1 and PRTE = 0, this bit controls the output level of external
PHYRST_N pin.
1: Set to high (default).
0: Set to low.
BZ: Force Bulk In to return a Zero-length packet.
1: Software can force Bulk In to return a zero-length USB packet.
0: Normal operation mode (default).
IPRL: Internal Phy Reset control. When SCPR bit = 1, this bit acts as reset signal of internal Ethernet Phy.
1: Internal Ethernet Phy is in operating state.
0: Internal Ethernet Phy in reset state (default).
IPPD: Internal Ethernet Phy Power Down control.
1: Internal Ethernet Phy is in power down mode (default).
0: Internal Ethernet Phy is in operating mode.
6.2.1.24 Software PHY Select Status Register (21h, read only) and Software PHY Select Register
22h, write only)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Reserved
ASEL
PSEL
PSEL: Phy Select, when ASEL = 0 (manually select the Phy to operate)
1: Select embedded 10/100 Ethernet Phy (default).
0: Select external Phy, which is attached to the MII interface
ASEL: Auto Select or Manual Select
1: Automatically select based on link status of embedded 10/100 Ethernet Phy (default).
0: Manually select between the embedded 10/100 Ethernet Phy and the external one.
ASIX ELECTRONICS CORPORATION
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com