Electronic Components Datasheet Search
  English  ▼

X  

AX88772 Datasheet(PDF) 13 Page - ASIX Electronics Corporation

Part # AX88772
Description  USB to 10/100 Fast Ethernet/HomePNA Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88772 Datasheet(HTML) 13 Page - ASIX Electronics Corporation

Back Button AX88772 Datasheet HTML 9Page - ASIX Electronics Corporation AX88772 Datasheet HTML 10Page - ASIX Electronics Corporation AX88772 Datasheet HTML 11Page - ASIX Electronics Corporation AX88772 Datasheet HTML 12Page - ASIX Electronics Corporation AX88772 Datasheet HTML 13Page - ASIX Electronics Corporation AX88772 Datasheet HTML 14Page - ASIX Electronics Corporation AX88772 Datasheet HTML 15Page - ASIX Electronics Corporation AX88772 Datasheet HTML 16Page - ASIX Electronics Corporation AX88772 Datasheet HTML 17Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
AX88772
USB to 10/100 Fast Ethernet/HomePNA Controller
4.1 Detailed Description
The following sections provide detailed description for some of the field in serial EEPROM memory map, for other fields
not covered here, please refer to AX88772L application note for more details.
4.1.1
Word Count for Preload (00h)
The number of words to be preloaded by the EEPROM loader = 15h.
4.1.2
Flag (01h)
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Reserved
TDPE
CEM
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TACE
RDCE
SCPR
DCK
1
RWU
Reserved
SP
SP: Self-Power (for USB GetStatus)
1: Self power.
0: Bus power.
RWU: Remote Wakeup support.
1: Indicate that this device supports Remote Wakeup.
0: Not support.
DCK: Disable Chirp K.
1: Disabled.
0: Enable.
SCPR: Software Control PHY Reset.
1: The PRL and PRTE bits of Software Reset Register control the PHYRST_N output level.
0: The USB reset on USB bus and PRTE bit of Software Reset Register control the PHYRST_N output level.
RDCE: RX Drop CRC Enable.
1: CRC byte is dropped on received MAC frame forwarding to host.
0: CRC byte is not dropped.
TACE: TX Append CRC Enable.
1: CRC byte is generated and appended by the ASIC for every transmitted MAC frame.
0: CRC byte is not appended.
CEM: Capture Effective Mode.
1: Capture effective mode enable.
0: Disabled.
TDPE: Test Debug Port Enable.
1: Enable test debug port for chip debug purpose.
0: Disable test debug port and the chip operate in normal function mode
Bit 1, 10~15: Reserved.
4.1.3
Node ID (04~06h)
The Node ID 0 to 5 bytes represent the MAC address of the device, for example, if MAC address = 01-23-45-67-89-ABh,
then Node ID 0 = 01, Node ID 1 = 23, Node ID 2 = 45, Node ID 3 = 67, Node ID 4 = 89, and Node ID 5 = AB.
ASIX ELECTRONICS CORPORATION
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com