Electronic Components Datasheet Search
  English  ▼

X  

AX88772 Datasheet(PDF) 14 Page - ASIX Electronics Corporation

Part # AX88772
Description  USB to 10/100 Fast Ethernet/HomePNA Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88772 Datasheet(HTML) 14 Page - ASIX Electronics Corporation

Back Button AX88772 Datasheet HTML 10Page - ASIX Electronics Corporation AX88772 Datasheet HTML 11Page - ASIX Electronics Corporation AX88772 Datasheet HTML 12Page - ASIX Electronics Corporation AX88772 Datasheet HTML 13Page - ASIX Electronics Corporation AX88772 Datasheet HTML 14Page - ASIX Electronics Corporation AX88772 Datasheet HTML 15Page - ASIX Electronics Corporation AX88772 Datasheet HTML 16Page - ASIX Electronics Corporation AX88772 Datasheet HTML 17Page - ASIX Electronics Corporation AX88772 Datasheet HTML 18Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
AX88772
USB to 10/100 Fast Ethernet/HomePNA Controller
4.1.4
Phy Register Offset for Interrupt Endpoint (0Fh)
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Reserved
Phy Register Offset 1
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
Phy Register Offset 2
Phy Register Offset 1: Fill in Phy’s Register Offset of Primary Phy here. Upon each Interrupt Endpoint issued, its
register value will be reported in byte# 5 and 6 of Interrupt Endpoint packet.
Phy Register Offset 2: Fill in Phy’s Register Offset of Primary Phy here. Upon each Interrupt Endpoint issued, its
register value will be reported in byte# 7 and 8 of Interrupt Endpoint packet.
4.1.5
Max Packet Size High/Low Byte (10h)
Fill in this field the maximum RX/TX MAC frame size supported by this ASIC. The number must be even number in
terms of byte and should be less than or equal to 2500 bytes.
4.1.6
Primary/Secondary Phy_Type and Phy_ID (11h)
The 3 bits Phy_Type field for both Primary and Secondary Phy is defined as follows,
3’b000: 10/100 Ethernet Phy or 1M HOME Phy.
3’b111: non-supported Phy. For example, the High Byte value of “E0h” means that secondary Phy is not supported.
Note that the Phy_ID of the embedded 10/100 Ethernet PHY is being assigned to 5’b1_0000.
4.1.7
Pause Frame High Water and Low Water Mark (12H)
When operating in full-duplex mode, correct setting of this field is very important and can affect the overall packet
receive throughput performance in a great deal. The High Water Mark is the threshold to trigger sending of Pause frame
and the Low Water Mark is the threshold to stop sending of Pause frame. Note that each free buffer count here represents
256 bytes of packet storage space in SRAM.
Total free buffer count = 80
Stop sending Pause frame when free buffer > Low Water Mark
Start sending Pause frame when free buffer < High Water Mark
0
ASIX ELECTRONICS CORPORATION
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com