Electronic Components Datasheet Search
  English  ▼

X  

AX88772 Datasheet(PDF) 22 Page - ASIX Electronics Corporation

Part # AX88772
Description  USB to 10/100 Fast Ethernet/HomePNA Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88772 Datasheet(HTML) 22 Page - ASIX Electronics Corporation

Back Button AX88772 Datasheet HTML 18Page - ASIX Electronics Corporation AX88772 Datasheet HTML 19Page - ASIX Electronics Corporation AX88772 Datasheet HTML 20Page - ASIX Electronics Corporation AX88772 Datasheet HTML 21Page - ASIX Electronics Corporation AX88772 Datasheet HTML 22Page - ASIX Electronics Corporation AX88772 Datasheet HTML 23Page - ASIX Electronics Corporation AX88772 Datasheet HTML 24Page - ASIX Electronics Corporation AX88772 Datasheet HTML 25Page - ASIX Electronics Corporation AX88772 Datasheet HTML 26Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
AX88772
USB to 10/100 Fast Ethernet/HomePNA Controller
MFB [1:0]: Maximum Frame Burst transfer on USB bus.
00: 2048 Bytes
01: 4096 Bytes
10: 8192 Bytes
11: 16384 Bytes (default).
6.2.1.13 IPG/IPG1/IPG2 Control Register (11h, read only and 12h, write only)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
AA [7:0]
BB [7:0]
CC [7:0]
AA [6:0] = IPG [6:0].
BB [6:0] = IPG1 [6:0].
CC [6:0] = IPG2 [6:0].
IPG [6:0]: Inter Packet Gap for back-to-back transfer on TX direction in MII mode (default = 15h).
IPG1 [6:0]: IPG part1 value (default = 0Ch).
IPG2 [6:0]: IPG part1 value + part2 value (default = 12h).
AA [7]: Reserved.
BB [7]: Reserved.
CC [7]: Reserved.
6.2.1.14 Node ID Register (13h, read only and 14h, write only)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
AA [7:0]
BB [7:0]
CC [7:0]
DD [7:0]
EE [7:0]
FF [7:0]
AA [7:0] = NOID 0.
BB [7:0] = NOID 1.
CC [7:0] = NOID 2.
DD [7:0] = NOID 3.
EE [7:0] = NOID 4.
FF [7:0] = NOID 5.
{FF [7:0], EE [7:0], DD [7:0], CC [7:0], BB [7:0], AA [7:0]} = Ethernet MAC address [47:0] of the node.
ASIX ELECTRONICS CORPORATION
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com