Electronic Components Datasheet Search
  English  ▼

X  

AX88772 Datasheet(PDF) 33 Page - ASIX Electronics Corporation

Part # AX88772
Description  USB to 10/100 Fast Ethernet/HomePNA Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88772 Datasheet(HTML) 33 Page - ASIX Electronics Corporation

Back Button AX88772 Datasheet HTML 29Page - ASIX Electronics Corporation AX88772 Datasheet HTML 30Page - ASIX Electronics Corporation AX88772 Datasheet HTML 31Page - ASIX Electronics Corporation AX88772 Datasheet HTML 32Page - ASIX Electronics Corporation AX88772 Datasheet HTML 33Page - ASIX Electronics Corporation AX88772 Datasheet HTML 34Page - ASIX Electronics Corporation AX88772 Datasheet HTML 35Page - ASIX Electronics Corporation AX88772 Datasheet HTML 36Page - ASIX Electronics Corporation AX88772 Datasheet HTML 37Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
AX88772
USB to 10/100 Fast Ethernet/HomePNA Controller
8.0 Electrical Specifications
8.1 DC Characteristics
8.1.1
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDDK
Digital core power supply
- 0.3 to VDDK + 0.3
V
VDD2
Power supply of 2.5V I/O
- 0.3 to VDD2 + 0.3
V
VDD3
Power supply of 3.3V I/O
- 0.5 to VDD3 + 0.5
V
AVDDK
Analog core power supply
- 0.3 to AVDDK + 0.3
V
AVDD3
Power supply of analog I/O
- 0.5 to AVDD3 + 0.5
V
Input voltage of 2.5V I/O
- 0.3 to VDD2 + 0.3
V
VIN2
Input voltage of 2.5V I/O with 3.3V tolerant
- 0.3 to 3.9
V
Input voltage of 3.3V I/O
- 0.3 to VDD3 + 0.3
V
VIN3
Input voltage of 3.3V I/O with 5V tolerant
- 0.3 to 5.5
V
TSTG
Storage temperature
- 40 to 150
℃
Note: Permanent device damage may occur if absolute maximum ratings are exceeded. Functional operation should be
restricted in the optional sections of this datasheet. Exposure to absolute maximum rating condition for extended periods
may affect device reliability.
8.1.2
Recommended Operating Condition
Symbol
Parameter
Min
Typ
Max
Unit
VDDK
Digital core power supply
2.25
2.5
2.75
V
VDD2
Power supply of 2.5V I/O
2.25
2.5
2.75
V
VDD3
Power supply of 3.3V I/O
3.0
3.3
3.6
V
AVDDK
Analog core power supply
2.25
2.5
2.75
V
AVDD3
Power supply of analog I/O
3.0
3.3
3.6
V
Input voltage of 2.5 V I/O
0
2.5
2.75
V
VIN2
Input voltage of 2.5 V I/O with 3.3 V
tolerance
0
2.5
3.6
V
Input voltage of 3.3 V I/O
0
3.3
3.6
V
VIN3
Input voltage of 3.3 V I/O with 5 V
tolerance
0
3.3
5.25
V
Tj
Commercial junction operating
temperature
0
-
115
℃
Tc
Commercial operating temperature
0
-
70
℃
8.1.3
Leakage Current and Capacitance
Symbol
Parameter
Condition
Min
Typ
Max
Unit
IIN
Input current
No pull-up or pull-down
-10
±1
10
μA
IOZ
Tri-state leakage current
-10
±1
10
μA
CIN
Input capacitance
-
3.1
-
pF
COUT
Output capacitance
-
3.1
-
pF
CBID
Bi-directional buffer capacitance
-
3.1
-
pF
ASIX ELECTRONICS CORPORATION
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com