Electronic Components Datasheet Search
  English  ▼

X  

LPC55S2X Datasheet(PDF) 106 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 106 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 102Page - NXP Semiconductors LPC55S2X Datasheet HTML 103Page - NXP Semiconductors LPC55S2X Datasheet HTML 104Page - NXP Semiconductors LPC55S2X Datasheet HTML 105Page - NXP Semiconductors LPC55S2X Datasheet HTML 106Page - NXP Semiconductors LPC55S2X Datasheet HTML 107Page - NXP Semiconductors LPC55S2X Datasheet HTML 108Page - NXP Semiconductors LPC55S2X Datasheet HTML 109Page - NXP Semiconductors LPC55S2X Datasheet HTML 110Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 140 page
background image
LPC55S2x/LPC552x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2022. All rights reserved.
Product data sheet
Rev. 2.2 — 8 December 2022
106 of 139
NXP Semiconductors
LPC55S2x/LPC552x
32-bit ARM Cortex-M33 microcontroller
[8] The full-scale error voltage or gain error (EG) is the difference between the straight-line fitting the actual
transfer curve after removing offset error, and the straight line which fits the ideal transfer curve.
[9] Input data is 1kHz sine wave, ADC conversion clock 24 MHz, Power Select = 3, Average setting = 4.
[10] Value of ADC_CFG[PUDLY] * 4 * ADCclk must be > tADCSTUP.
[11] To use temperature sensor, the maximum fclk(ADC) frequency is 6 MHz.
12.2.1 ADC input resistance (Please refer to the ADC Inputs Selection & ADC
programming table in the UM)
12.3 Temperature sensor
The ADC has a dedicated input channel for an on-chip temperate sensor that is mapped
on channel 26.
[1] Absolute temperature accuracy. Based on characterization, not tested in production.
Table 41. ADC input resistance
Tamb = 40 C to +105 C
Min
Typ
Max
Unit
RI
input resistance
Fast Input Channels
PIO0_16/PIO0_23 -
1
2
k
PIO0_11/PIO0_10 -
1
2
k
PIO0_12/PIO0_15 -
1
2
k
PIO1_0/PIO0_31 -
1
2
k
Standard Input Channels
PIO1_9/PIO1_8 -
1.4
3.6
k
Fig 24. Comparator Hysteresis
Table 42. Temperature sensor static and dynamic characteristics
VBAT_PMU = VBAT_DCDC = VDD = 3.0 V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DTsen
sensor
temperature
accuracy
Tamb = 40 C to +105 C
[1] -
-
4
C
ts(pu)
power-up
settling time
[2] -
5
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com