Electronic Components Datasheet Search
  English  ▼

X  

LPC55S2X Datasheet(PDF) 110 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 110 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 106Page - NXP Semiconductors LPC55S2X Datasheet HTML 107Page - NXP Semiconductors LPC55S2X Datasheet HTML 108Page - NXP Semiconductors LPC55S2X Datasheet HTML 109Page - NXP Semiconductors LPC55S2X Datasheet HTML 110Page - NXP Semiconductors LPC55S2X Datasheet HTML 111Page - NXP Semiconductors LPC55S2X Datasheet HTML 112Page - NXP Semiconductors LPC55S2X Datasheet HTML 113Page - NXP Semiconductors LPC55S2X Datasheet HTML 114Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 140 page
background image
LPC55S2x/LPC552x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2022. All rights reserved.
Product data sheet
Rev. 2.2 — 8 December 2022
110 of 139
NXP Semiconductors
LPC55S2x/LPC552x
32-bit ARM Cortex-M33 microcontroller
integrated load capacitor for the crystal oscillators. The capacitor banks on each crystal
pin can tune the frequency for crystals with a Capacitive Load (CL) between 6 to 10pF
(IEC equivalent).
Simple APIs to configure the Capacitor Banks based on the crystal Capacitive Load (CL)
and measured PCB parasitic capacitances on XIN and XOUT pins.
In the crystal oscillator circuit, only the crystal (XTAL) needs to be connected with the
option to connect capacitances CX1 and CX2 on XTAL32M_P and XTAL32M_N pins.
Depending upon the computation of the required Capacitance Load, there is no need to
add some capacitance on PCB if computation is less than 20 pF (10 pF equivalent IEC),
and if computation is greater than 20 pF (10 pF equivalent IEC), then additional
capacitance is on PCB required. See Figure 27 and refer to the “Cap Bank API” chapter in
the user manual.
In bypass mode, an external clock (maximum frequency of up to 25 MHz) can also be
connected to XTAL32M_P if XTAL32M_N is left open. External [0 – VH] square signal can
be applied on the XTAL32M_P pin from 0 V to 850 mV.
For best results, it is very critical to select a matching crystal for the on-chip oscillator.
Load capacitance (CL), series resistance (RS), and drive level (DL) are important
parameters to consider while choosing the crystal.
13.3.1 Crystal Printed Circuit Board (PCB) design guidelines
• Connect the crystal and external load capacitors on the PCB as close as possible to
the oscillator input and output pins of the chip.
• The length of traces in the oscillation circuit should be as short as possible and must
not cross other signal lines.
• Ensure that the load capacitors have a common ground plane.
• Loops must be made as small as possible to minimize the noise coupled in through
the PCB and to keep the parasitics as small as possible.
• Lay out the ground (GND) pattern under crystal unit.
• Do not lay out other signal lines under crystal unit for multi-layered PCB.
Fig 27. Crystal oscillator components
aaa-018147-x
LPC
XTAL32M_P
XTAL32M_N
CX2
CX1
XTAL
=
CL
CP
RS
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com