Electronic Components Datasheet Search
  English  ▼

X  

LPC55S2X Datasheet(PDF) 114 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 114 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 110Page - NXP Semiconductors LPC55S2X Datasheet HTML 111Page - NXP Semiconductors LPC55S2X Datasheet HTML 112Page - NXP Semiconductors LPC55S2X Datasheet HTML 113Page - NXP Semiconductors LPC55S2X Datasheet HTML 114Page - NXP Semiconductors LPC55S2X Datasheet HTML 115Page - NXP Semiconductors LPC55S2X Datasheet HTML 116Page - NXP Semiconductors LPC55S2X Datasheet HTML 117Page - NXP Semiconductors LPC55S2X Datasheet HTML 118Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 140 page
background image
LPC55S2x/LPC552x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2022. All rights reserved.
Product data sheet
Rev. 2.2 — 8 December 2022
114 of 139
NXP Semiconductors
LPC55S2x/LPC552x
32-bit ARM Cortex-M33 microcontroller
• Connect the VBUS signal directly from the connector to the USB_VBUS pin. In this
case, 5 V are applied to the USB_VBUS pin while the regulator is ramping up to
supply VDD. Since the USB_VBUS pin is only 5 V tolerant when VDD is at operating
level, this connection can degrade the performance of the part over its lifetime.
Simulation shows that lifetime is reduced to 15 years at Tamb = 45 °C and 8 years at
Tamb = 55 °C assuming that USB_VBUS = 5 V is applied continuously while VDD = 0
V.
13.6 USB1 High-speed VBUS threshold levels
The USB1 has the following characteristics for VBUS (see Table 45). The USB1_VBUS
can tolerate an input voltage of 5.5 V.
Table 45. USB1 High-speed VBUS threshold levels
Function
Min
Typ
Max
Unit
Votg_sess_valid
0.8
-
4.0
V
VBUS_valid
4.192
-
5.5
V
Vadp_probe
0.6
-
0.8
V
Vadp_sense
0.20
-
0.55
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com