Electronic Components Datasheet Search
  English  ▼

X  

LPC55S2X Datasheet(PDF) 112 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 112 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 108Page - NXP Semiconductors LPC55S2X Datasheet HTML 109Page - NXP Semiconductors LPC55S2X Datasheet HTML 110Page - NXP Semiconductors LPC55S2X Datasheet HTML 111Page - NXP Semiconductors LPC55S2X Datasheet HTML 112Page - NXP Semiconductors LPC55S2X Datasheet HTML 113Page - NXP Semiconductors LPC55S2X Datasheet HTML 114Page - NXP Semiconductors LPC55S2X Datasheet HTML 115Page - NXP Semiconductors LPC55S2X Datasheet HTML 116Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 140 page
background image
LPC55S2x/LPC552x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2022. All rights reserved.
Product data sheet
Rev. 2.2 — 8 December 2022
112 of 139
NXP Semiconductors
LPC55S2x/LPC552x
32-bit ARM Cortex-M33 microcontroller
• Loops must be made as small as possible to minimize the noise coupled in through
the PCB and to keep the parasitics as small as possible.
• Lay out the ground (GND) pattern under crystal unit.
• Do not lay out other signal lines under crystal unit for multi-layered PCB.
13.5 Suggested USB Full-speed interface solutions
The USB device can be connected to the USB as self-powered device (see Figure 29
“USB interface on a self-powered device where USB_VBUS = 5 V”) or bus-powered
device (see Figure 30 “USB interface on a bus-powered device”).
The USB_VBUS pin is 5 V tolerant only when VDD is applied and at operating voltage
level. Therefore, if the USB_VBUS function is connected to the USB connector and the
device is self-powered, the USB_VBUS pin must be protected for situations when
VDD = 0 V.
If VDD is always at operating level while VBUS = 5 V, the USB_VBUS pin can be
connected directly to the VBUS pin on the USB connector.
For such USB applications, the internal pull-down on the GPIO/VBUS pad must be
enabled on pins P0_22 or P1_11 when attaching/de-attaching in the USB application.
Enable the internal pull-downs with user software. For USB ISP mode, the internal resistor
pull-down is not enabled on the P0_22 pin where the VBUS pin can be floating. USB
enumeration may still occur when VBUS is not connected.
For systems where VDD can be 0 V and VBUS is directly applied to the VBUS pin,
precautions must be taken to reduce the voltage to below 3.6 V, which is the maximum
allowable voltage on the USB_VBUS pin in this case.
One method is to use a voltage divider to connect the USB_VBUS pin to the VBUS on the
USB connector. The voltage divider ratio should be such that the USB_VBUS pin is
greater than 0.7 VDD to indicate a logic HIGH while below the 3.6 V allowable maximum
voltage.
For the following operating conditions:
VBUSmax = 5.25 V
VDD = 3.6 V
The voltage divider should provide a reduction of 3.6 V/5.25 V or ~0.686 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com