Electronic Components Datasheet Search
  English  ▼

X  

L99DZ100GP Datasheet(PDF) 52 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 48Page - STMicroelectronics L99DZ100GP Datasheet HTML 49Page - STMicroelectronics L99DZ100GP Datasheet HTML 50Page - STMicroelectronics L99DZ100GP Datasheet HTML 51Page - STMicroelectronics L99DZ100GP Datasheet HTML 52Page - STMicroelectronics L99DZ100GP Datasheet HTML 53Page - STMicroelectronics L99DZ100GP Datasheet HTML 54Page - STMicroelectronics L99DZ100GP Datasheet HTML 55Page - STMicroelectronics L99DZ100GP Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 197 page
background image
Electrical specifications
L99DZ100G, L99DZ100GP
52/197
DS11546 Rev 5
3.4.22
Wake up input WU
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6 V ≤ VSREG ≤ 28 V; Tj = 40 °C to 150 °C, unless otherwise specified.
3.4.23
High speed CAN transceiver
ISO 11898-2:2003 and ISO 11898-5:2007 compliant.
SAE J2284 compliant.
Selective wake functionality according to ISO 11898-6:2013.
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin.
5.5 V ≤ VSREG ≤ 18 V; VCANSUP = V1; Tjunction = -40 °C to 150 °C, unless otherwise
specified. -12 V ≤ (VCANH + VCANL) / 2 ≤ 12 V
Table 28. Wake-up inputs
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VWUthn
Wake-up negative
edge threshold voltage
0.4
VSREG
0.45
VSREG
0.5
VSREG
V
VWUthp
Wake-up positive edge
threshold voltage
0.5
VSREG
0.55
VSREG
0.6
VSREG
V
VHYST
Hysteresis
0.05
VSREG
0.1
VSREG
0.15
VSREG
V
tWU_stat
Static wake filter time
64
µs
IWU_stdby
Input current in
standby mode
VWU < 1 V or 
VWU > (VSREG – 1.5 V)
530
60
μA
RWU_act
Input resistor to GND
in Active mode and in
Standby mode during
Wake-up input sensing
80
160
300
kΩ
tWU_cyc
Cyclic wake filter time
16
µs
Table 29. CAN communication operating range
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VSREG_COM
Supply voltage operating
range for CAN
communication
VV1 = VCANSUP
5.5
18
V
VCANSUPlow CAN supply low voltage flag VV1 = VCANSUP decreasing
4.5
4.65
4.8
V
VCANHL,CM
Common mode Bus voltage
Measured with respect to the
ground of each CAN node
-12
12
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com