Electronic Components Datasheet Search
  English  ▼

X  

L99DZ100GP Datasheet(PDF) 65 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 65 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 61Page - STMicroelectronics L99DZ100GP Datasheet HTML 62Page - STMicroelectronics L99DZ100GP Datasheet HTML 63Page - STMicroelectronics L99DZ100GP Datasheet HTML 64Page - STMicroelectronics L99DZ100GP Datasheet HTML 65Page - STMicroelectronics L99DZ100GP Datasheet HTML 66Page - STMicroelectronics L99DZ100GP Datasheet HTML 67Page - STMicroelectronics L99DZ100GP Datasheet HTML 68Page - STMicroelectronics L99DZ100GP Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 197 page
background image
DS11546 Rev 5
65/197
L99DZ100G, L99DZ100GP
Electrical specifications
196
3.4.30
Temperature diode characteristics
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6 V ≤ VSREG ≤ 18 V, Tj = -40 °C to 150 °C
3.4.31
Interrupt outputs
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6 V ≤ VSREG ≤ 18 V, Tj = -40 °C to 150°C
IEII
Integral linearity error
4
LSB
IEDI
Differential linearity
error
2LSB
VAINVS
Conversion voltage
range (VS, VSREG &
WU)
122
V
VAINTemp
Conversion voltage
range (TCL1 …TCL6)
02
V
1. Guaranteed by design.
Table 56. ADC characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 57. Temperature diode characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VTROOM 1-6
TSENSE output
voltage at 25 °C
VS = 12 V; T = 25 °C
—
1.4
V
VTSENSE1-6
TSENSE output
voltage 1 - 8
T = 25 °C; T = 130 °C;
T = -40 °C
—-4
mV/K
Table 58. Interrupt outputs
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VINTL
Output low level
IINT = -4 mA
0.5
V
VINTH
Output high level
IINT = 4 mA
V1 - 0.5
V
IINTLK
3-state leakage current
0 V < VINT < V1
-10
10
μA
tInterrupt
Interrupt pulse duration
(NINT, RxD_L/NINT,
RxD_C/NINT
56
s
tInt_react Interrupt reaction time
Tested by scan chain
6
40
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com