Electronic Components Datasheet Search
  English  ▼

X  

L99DZ100GP Datasheet(PDF) 82 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 82 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 78Page - STMicroelectronics L99DZ100GP Datasheet HTML 79Page - STMicroelectronics L99DZ100GP Datasheet HTML 80Page - STMicroelectronics L99DZ100GP Datasheet HTML 81Page - STMicroelectronics L99DZ100GP Datasheet HTML 82Page - STMicroelectronics L99DZ100GP Datasheet HTML 83Page - STMicroelectronics L99DZ100GP Datasheet HTML 84Page - STMicroelectronics L99DZ100GP Datasheet HTML 85Page - STMicroelectronics L99DZ100GP Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 197 page
background image
Application information
L99DZ100G, L99DZ100GP
82/197
DS11546 Rev 5
4.6.1
Change watchdog timing
The watchdog trigger time is configured by setting WD_TIME_x (CR 2). Writing to these bits
is possible only using the first SPI command after setting WD_CONFIG_EN = 1 (Config
Reg). The WD_CONFIG_EN bit is reset to 0 automatically with the next SPI command.
4.7
Fail-safe mode
4.7.1
Temporary failures
The devices enter Fail-safe mode in case of:
Watchdog failure
V1 turn on failure
–
V1 short (V1 < V1fail for t > tV1short)
V1 failure (V1 < VRTxfalling for t > tV1FS)
Thermal Shutdown TSD2
The Fail Safe functionality is also available in V1_Standby mode. During V1_Standby mode
the Fail Safe mode is entered in the following cases:
V1 failure (V1 < VRTxfalling for t > tV1FS)
Watchdog failure (if watchdog still running due to IV1 > Icmp_fal)
Thermal Shutdown TSD2
In Fail Safe mode the devices return to a fail safe state. The Fail Safe condition is indicated
to the system in the Global Status Byte. The conditions during Fail Safe mode are:
All outputs beside LS1_FSO and LS2_FSO are turned off
All Control Registers are set to fail safe default values except:
–
SWEN (CR1<bit 7>): selective Wake-up enable
–
Partial Networking Configuration: CR23-CR29
Write operations to Control Registers are blocked until the Fail Safe condition is
cleared. The following bits are not WRITE protected:
–
TRIG (CR1<bit 0>, Config Register <bit 0>): watchdog trigger bit
–
V2_x (CR1<bit 4:5>): Voltage Regulator V2 control
–
CAN_GO_TRX_RDY (CR1<bit 8>): activation of CAN transceiver
–
CR2 (bit <8:23>): Timer1 and Timer2 settings
–
OUT_HS_x (CR5 <bit 0:3>): OUT_HS configuration
–
OUT15_x (CR6<bit 0:3>): OUT15 configuration
–
PWMx_freq_y (CR12): PWM frequency configuration
–
PWMx_DC_y (CR13 – CR17): PWM duty cycle configuration
LIN and HS CAN transmitter and SPI remain on (transmitters are deactivated in case of
thermal shutdown TSD1 (TSD1 cluster 5 or 6 in cluster mode)
Corresponding Failure Bits in Status Registers are set
FS Bit (Global Status Byte) is set
LS1_FSO and LS2_FSO will be turned on
Charge pump is switched off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com