Electronic Components Datasheet Search
  English  ▼

X  

L99DZ100GP Datasheet(PDF) 93 Page - STMicroelectronics

Part # L99DZ100GP
Description  Automotive door module with LIN and HS-CAN (L99DZ100G) or HS-CAN supporting selective wake up (L99DZ100GP)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ100GP Datasheet(HTML) 93 Page - STMicroelectronics

Back Button L99DZ100GP Datasheet HTML 89Page - STMicroelectronics L99DZ100GP Datasheet HTML 90Page - STMicroelectronics L99DZ100GP Datasheet HTML 91Page - STMicroelectronics L99DZ100GP Datasheet HTML 92Page - STMicroelectronics L99DZ100GP Datasheet HTML 93Page - STMicroelectronics L99DZ100GP Datasheet HTML 94Page - STMicroelectronics L99DZ100GP Datasheet HTML 95Page - STMicroelectronics L99DZ100GP Datasheet HTML 96Page - STMicroelectronics L99DZ100GP Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 197 page
background image
DS11546 Rev 5
93/197
L99DZ100G, L99DZ100GP
Application information
196
Dominant TxDC time out
If TXD_C is in dominant state (low) for t > tdom(TxDC) the transmitter will be disabled,
CAN_TXD_DOM (SR 2) will be latched and can be read and optionally cleared by SPI. The
transmitter remains disabled until the status register is cleared.
CAN Permanent Recessive
If TXD_C changes to dominant (low) state but CAN bus does not follow for 4 times, the
transmitter will be disabled, CAN_PERM_REC (SR 2) will be latched and can be read and
optionally cleared by SPI. The transmitter remains disabled until the status register is
cleared.
CAN Permanent Dominant
If the bus state is dominant (low) for t > tCAN a permanent dominant status will be detected.
CAN_PERM_DOM (SR 2) will be latched and can be read and optionally cleared by SPI.
The transmitter will not be disabled.
RXDC Permanent Recessive
If RXD_C pin is clamped to recessive (high) state, the controller is not able to recognize a
bus dominant state and could start messages at any time, which results in disturbing the
overall bus communication. Therefore, if RXD_C does not follow TXD_C for 4 times the
transmitter will be disabled. CAN_RXD_REC (SR 2) will be latched and can be read and
optionally cleared by SPI. The transmitter remains disabled until the status register is
cleared.
4.11
Serial Peripheral Interface (ST SPI Standard)
A 32-bit SPI is used for bi-directional communication with the microcontroller.
The SPI is driven by a microcontroller with its SPI peripheral running in following mode:
CPOL = 0 and CPHA = 0. For this mode input data is sampled by the low to high transition
of the clock CLK, and output data is changed from the high to low transition of CLK.
This device is not limited to microcontroller with a built-in SPI. Only three CMOS-compatible
output pins and one input pin is needed to communicate with the device. A fault condition
can be detected by setting CSN to low. If CSN = 0, the DO-Pin reflects the global error flag
(fault condition) of the device.
Chip Select Not (CSN)
The input Pin is used to select the serial interface of this device. When CSN is high, the
output Pin (DO) is in high impedance state. A low signal activates the output driver and
a serial communication can be started.
The state during CSN = 0 is called a communication frame.
If CSN = low for t > tCSNfail the DO output is switched to high impedance in order to not
block the signal line for other SPI nodes.
Serial Data In (DI)
The input Pin is used to transfer data serial into the device. The data applied to the DI is
sampled at the rising edge of the CLK signal and shifted into an internal 32-bit shift
register. At the rising edge of the CSN signal the content of the shift register is
transferred to Data Input Register. The writing to the selected Data Input Register is
only enabled if exactly 32-bit are transmitted within one communication frame (i.e. CSN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com