Electronic Components Datasheet Search
  English  ▼

X  

AM85C30 Datasheet(PDF) 25 Page - Advanced Micro Devices

Part # AM85C30
Description  Enhanced Serial Communications Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 25 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 21Page - Advanced Micro Devices AM85C30 Datasheet HTML 22Page - Advanced Micro Devices AM85C30 Datasheet HTML 23Page - Advanced Micro Devices AM85C30 Datasheet HTML 24Page - Advanced Micro Devices AM85C30 Datasheet HTML 25Page - Advanced Micro Devices AM85C30 Datasheet HTML 26Page - Advanced Micro Devices AM85C30 Datasheet HTML 27Page - Advanced Micro Devices AM85C30 Datasheet HTML 28Page - Advanced Micro Devices AM85C30 Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
AMD
25
Am85C30
FIFO
FIFO Enhancements
When used with a DMA controller, the Am85C30 Frame
Status FIFO enhancement maximizes the ESCC’s abil-
ity to receive high-speed back-to-back SDLC messages
while minimizing frame overruns due to CPU latencies
in responding to interrupts.
Additional logic was added to the industry-standard
NMOS SCC consisting of a 10-deep by 19-bit status
FIFO, a 14-bit receive byte counter, and control logic as
shown in Figure 13. The 10
× 19 bit status FIFO is sepa-
rate from the existing 3-byte receive data and error
FIFOs.
When the enhancement is enabled, the status in Read
Register 1 (RR1) and byte count for the SDLC frame will
be stored in the 10
× 19 bit status FIFO. This allows
the DMA controller to transfer the next frame into
memory while the CPU verifies that the message was
properly received.
Summarizing the operation, data is received, assem-
bled, and loaded into the 3-byte receive FIFO before be-
ing transferred to memory by the DMA controller. When
a flag is received at the end of an SDLC frame, the frame
byte count from the 14-bit counter and 5 status bits are
loaded into the status FIFO for verification by the CPU.
The CRC checker is automatically reset in preparation
for the next frame, which can begin immediately. Since
the byte count and status are saved for each frame, the
message integrity can be verified at a later time. Status
information for up to 10 frames can be stored before a
status FIFO overrun could occur.
If receive interrupts are enabled while the 10
× 19 FIFO
is enabled, an SDLC end-of-frame special condition will
6-Bit MUX
Residue Bits(3)
Overrun
CRC Error
10
× 19 Bit FIFO Array
14 Bits
6 Bits
Tail Pointer
4-Bit
Counter
14-Bit Byte Counter
Head Pointer
4-Bit Counter
5 Bits
6 Bits
8 Bits
Bits 0–5
6 Bits
2 Bits
RR1
RR7
Bit 6
Bit 7
RR6
FIFO Enable
Reset on Flag Detect
Increment on Byte DET
Enable Count in SDLC
End-of-Frame Signal
Status Read Comp
EOF = 1
Interface to SCC
Over Equal
Byte Counter Contains 14 Bits
for a 16-kb Maximum Count
FIFO Data Available Status Bit
Status Bit Set to 1
When Reading From FIFO
FIFO Overflow Status Bit
MSB of RR(7) is Set on Status FIFO
Overflow
In SDLC mode, the following definitions apply:
• All Sent bypasses MUX and equals contents of SCC Status Register.
• Parity bits bypass MUX and do the same.
• EOF is set to 1 whenever reading from the FIFO.
WR(15) Bit 2 Set
Enables Status FIFO
RR1
4-Bit
Comparator
SCC Status Reg
(Existing)
Figure 13. SCC Status Register Modifications
10216F-17
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com