Electronic Components Datasheet Search
  English  ▼

X  

AM85C30 Datasheet(PDF) 54 Page - Advanced Micro Devices

Part # AM85C30
Description  Enhanced Serial Communications Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 54 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 50Page - Advanced Micro Devices AM85C30 Datasheet HTML 51Page - Advanced Micro Devices AM85C30 Datasheet HTML 52Page - Advanced Micro Devices AM85C30 Datasheet HTML 53Page - Advanced Micro Devices AM85C30 Datasheet HTML 54Page - Advanced Micro Devices AM85C30 Datasheet HTML 55Page - Advanced Micro Devices AM85C30 Datasheet HTML 56Page - Advanced Micro Devices AM85C30 Datasheet HTML 57Page - Advanced Micro Devices AM85C30 Datasheet HTML 58Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 68 page
background image
Publication# 10216
Rev. F
Amendment /1
Issue Date: December 1993
Advanced
Micro
Devices
Am85C30
Enhanced Serial Communications Controller
AMENDMENT
SUMMARY
This amendment adds information to the Final Data
Sheet on the Commercial and Industrial 20 MHz speed
grades. This latest offering complements the 8, 10, and
16 MHz speed grades currently offered by AMD.
A few minor inaccuracies are also corrected and a clari-
fication section on Hardware Reset in Software that had
been previously available as a separate page is now re-
printed here for ease of reference.
DETAILS
Page 1:
DISTINCTIVE CHARACTERISTICS
s Add 20 MHz/5.0 Mbyte/s under “Fastest data rate
of any Am85C30” bullet.
Page 4:
Ordering Information, Commodity
Products
s Change word from “Commodity” to “Standard”
s Add Am85C30-20 to valid combinations and
-20 = 20 MHz to SPEED OPTION
Page 5:
Ordering Information, Industrial Products
s Add Am85C30-20 to valid combinations and
-20 = 20 MHz to SPEED OPTION
s Change package description from “J = 44-Pin
Leadless Chip Carrier (PL 044) ” to “J = 44-Pin
Plastic Leaded Chip Carrier (PL 044) ”.
Page 38: DC CHARACTERISTICS
s Delete ICC1 for the 12 MHz speed grade since this
speed is not offered.
s Add ICC1 for the 20 MHz speed grade now being
offered.
s Change symbol from “CMO” to “CI/O” and add note
on Capacitance.
Pages 39 and 47:
SWITCHING
CHARACTERISTICS
s In note 8 change from “clock slow rates” to “clock
slew rates”.
Pages 39–50:
SWITCHING CHARACTERISTICS
s Add minimum and maximum limits, where appro-
priate, for the 20 MHz speed grade now being
offered.
Note: Minor corrections should be made on the exist-
ing data sheets. However, for ease of use, pages
38–50 as well as the page on Hardware Reset in Soft-
ware are printed with this amendment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com