Electronic Components Datasheet Search
  English  ▼

X  

AM85C30 Datasheet(PDF) 58 Page - Advanced Micro Devices

Part # AM85C30
Description  Enhanced Serial Communications Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 58 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 54Page - Advanced Micro Devices AM85C30 Datasheet HTML 55Page - Advanced Micro Devices AM85C30 Datasheet HTML 56Page - Advanced Micro Devices AM85C30 Datasheet HTML 57Page - Advanced Micro Devices AM85C30 Datasheet HTML 58Page - Advanced Micro Devices AM85C30 Datasheet HTML 59Page - Advanced Micro Devices AM85C30 Datasheet HTML 60Page - Advanced Micro Devices AM85C30 Datasheet HTML 61Page - Advanced Micro Devices AM85C30 Datasheet HTML 62Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 68 page
background image
A M E N D M E N T
AMD
5
Am85C30
1
TdRXC(REQ)
RXC
↑ W/REQ Valid Delay
8
12
8
12
TcPc
(Note 2)
2
TdRXC(W)
RXC
↑ to Wait Inactive Delay
8
14
8
14
TcPc
(Notes 1, 2)
3
TdRXC(SY)
RxC
↑ to SYNC Valid Delay
4
7
4
7
TcPc
(Note 2)
4
TdRXC(INT)
RxC
↑ to INT Valid Delay
10
16
10
16
TcPc
(Notes 1, 2)
5
TdTXC(REQ)
TxC
↓ to W/REQ Valid Delay
5
8
5
8
TcPc
(Note 3)
6
TdTXC(W)
TxC
↓ to Wait Inactive Delay
5
11
5
11
TcPc
(Notes 1, 3)
7a
TdTXC(DRQ)
TxC
↓ to DTR/REQ Valid Delay
4
7
4
7
TcPc
(Note 3)
7b
TdTXC(EDRQ)
TxC
↓ to DTR/REQ Valid Delay
5
8
5
8
TcPc
(Notes 3, 4)
8
TdTXC(INT)
TxC
↓ to INT Valid Delay
6
10
6
10
TcPc
(Notes 1, 3)
9
TdSY(INT)
SYNC Transition to INT Valid
2
6
2
6
TcPc
Delay (Note 1)
10
TdEXT(INT)
DCD or CTS Transition to INT
2
6
2
6
TcPc
Valid Delay (Note 1)
SWITCHING CHARACTERISTICS over COMMERCIAL operating range (continued)
System Timing (see Figure 20)
1
TdRXC(REQ)
RXC
↑ W/REQ Valid Delay
8
12
8
12
TcPc
(Note 2)
2
TdRXC(W)
RXC
↑ to Wait Inactive Delay
8
14
8
14
TcPc
(Notes 1, 2)
3
TdRXC(SY)
RxC
↑ to SYNC Valid Delay
4
7
4
7
TcPc
(Note 2)
4
TdRXC(INT)
RxC
↑ to INT Valid Delay
10
16
10
16
TcPc
(Notes 1, 2)
5
TdTXC(REQ)
TxC
↑ to W/REQ Valid Delay
5
8
5
8
TcPc
(Note 3)
6
TdTXC(W)
TxC
↓ to Wait Inactive Delay
5
11
5
11
TcPc
(Notes 1, 3)
7a
TdTXC(DRQ)
TxC
↓ to DTR/REQ Valid Delay
4
7
4
7
TcPc
(Note 3)
7b
TdTXC(EDRQ)
TxC
↓ to DTR/REQ Valid Delay
5
8
5
8
TcPc
(Notes 3, 4)
8
TdTXC(INT)
TxC
↓ to INT Valid Delay
6
10
6
10
TcPc
(Notes 1, 3)
9
TdSY(INT)
SYNC Transition to INT Valid
2
6
2
6
TcPc
Delay (Note 1)
10
TdEXT(INT)
DCD or CTS Transition to INT
2
6
2
6
TcPc
Valid Delay (Note 1)
Notes:
1. Open-drain output, measured with open-drain test load.
2.
RxC is RTxC or TRxC, whichever is supplying the receive clock.
3.
TxC is TRxC or RTxC, whichever is supplying the transmit clock.
4. Parameter applies to Enhanced Request mode only.
No.
Parameter
Symbol
Parameter
Description
8.192 MHz
10 MHz
Min
Max
Min
Max
Unit
No.
Parameter
Symbol
Parameter
Description
16.384 MHz
Min
Max
Unit
Min
Max
20 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com