Electronic Components Datasheet Search
  English  ▼

X  

AM85C30 Datasheet(PDF) 51 Page - Advanced Micro Devices

Part # AM85C30
Description  Enhanced Serial Communications Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 51 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 47Page - Advanced Micro Devices AM85C30 Datasheet HTML 48Page - Advanced Micro Devices AM85C30 Datasheet HTML 49Page - Advanced Micro Devices AM85C30 Datasheet HTML 50Page - Advanced Micro Devices AM85C30 Datasheet HTML 51Page - Advanced Micro Devices AM85C30 Datasheet HTML 52Page - Advanced Micro Devices AM85C30 Datasheet HTML 53Page - Advanced Micro Devices AM85C30 Datasheet HTML 54Page - Advanced Micro Devices AM85C30 Datasheet HTML 55Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 68 page
background image
AMD
51
Am85C30
PHYSICAL DIMENSIONS*
CD 040
.050
.065
.005
MIN
.100
BSC
.160
.220
.015
.022
.015
.060
2.035
2.080
.565
.605
06824D
BZ13 CD 040
5/20/92 c dc
.125
.160
.008
.012
.590
.615
0°
15°
.700
MAX
END VIEW
SIDE VIEW
TOP VIEW
1
.098
MAX
.150
MIN
*For reference only. BSC is an ANSI standard for Basic Space Centering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com