Electronic Components Datasheet Search
  English  ▼

X  

OPA828 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # OPA828
Description  OPAx828 Low-Offset, Low-Drift, Low-Noise, 45-MHz, 36-V, JFET-Input Operational Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA828 Datasheet(HTML) 32 Page - Texas Instruments

Back Button OPA828 Datasheet HTML 28Page - Texas Instruments OPA828 Datasheet HTML 29Page - Texas Instruments OPA828 Datasheet HTML 30Page - Texas Instruments OPA828 Datasheet HTML 31Page - Texas Instruments OPA828 Datasheet HTML 32Page - Texas Instruments OPA828 Datasheet HTML 33Page - Texas Instruments OPA828 Datasheet HTML 34Page - Texas Instruments OPA828 Datasheet HTML 35Page - Texas Instruments OPA828 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
8.4.1.2 PowerPAD™ Design Considerations (DGN package only)
The OPAx828 are available in a thermally-enhanced, PowerPAD integrated circuit package. Figure 8-9(a) and
(b) illustrate how the PowerPAD packages are constructed using a downset leadframe upon which the die is
mounted. Figure 8-9(c) shows how this arrangement results in the leadframe being exposed as a thermal pad
on the underside of the package. This thermal pad has direct thermal contact with the die. Therefore, excellent
thermal performance is achieved by providing a good thermal path away from the thermal pad.
DIE
DIE
Thermal
Pad
(a)SideView
(b)EndView
(c)BottomView
Figure 8-9. Views of the Thermally-Enhanced Package
The PowerPAD integrated circuit package allows for both assembly and thermal management in one
manufacturing operation. During the surface-mount solder operation (when the leads are being soldered),
the thermal pad must be soldered to a copper area underneath the package. Through the use of thermal
paths within this copper area, heat is conducted away from the package into either a ground plane or other
heat-dissipating device. Soldering the thermal pad to the printed circuit board (PCB) is always required, even
with applications that have low power dissipation. This soldering provides the necessary thermal and mechanical
connection between the leadframe die pad and the PCB. Although the die is electrically isolated (>10 MΩ) from
the exposed thermal pad, tie the pad to V– or a system ground plane to minimize potential leakage to the input
pins. See Figure 8-11 for additional details.
OPA828, OPA2828
SBOS671D – SEPTEMBER 2018 – REVISED DECEMBER 2022
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA828 OPA2828



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com