Electronic Components Datasheet Search
  English  ▼

X  

OPA828 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA828
Description  OPAx828 Low-Offset, Low-Drift, Low-Noise, 45-MHz, 36-V, JFET-Input Operational Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA828 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA828 Datasheet HTML 17Page - Texas Instruments OPA828 Datasheet HTML 18Page - Texas Instruments OPA828 Datasheet HTML 19Page - Texas Instruments OPA828 Datasheet HTML 20Page - Texas Instruments OPA828 Datasheet HTML 21Page - Texas Instruments OPA828 Datasheet HTML 22Page - Texas Instruments OPA828 Datasheet HTML 23Page - Texas Instruments OPA828 Datasheet HTML 24Page - Texas Instruments OPA828 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
7.3.5 Noise Performance
Figure 7-7 shows the total circuit noise for varying source impedances with the operational amplifier in a
unity-gain configuration (with no feedback resistor network and therefore no additional noise contributions). The
OPA828 and OPA211 are shown with total circuit noise calculated. The op amp contributes both a voltage
noise component and a current noise component. The voltage noise is commonly modeled as a time-varying
component of the offset voltage. The current noise is modeled as the time-varying component of the input bias
current and reacts with the source resistance to create a voltage component of noise. Therefore, the lowest
noise op amp for a given application depends on the source impedance. For low source impedance, current
noise is negligible, and voltage noise generally dominates. The OPAx828 devices have both low voltage noise
and extremely low current noise because of the FET input of the op amps. As a result, the current noise
contribution of the OPAx828 is negligible for any practical source impedance, which makes the OPAx828 an
excellent choice for applications with high source impedance.
Equation 2 provides a simple calculation for total noise, EO, of a unity gain buffer op amp circuit:
EO =  eN2 + iN x RS2 + 4kTRS
(2)
where
• eN = voltage noise
• iN = current noise
• RS = source impedance
• k = Boltzmann's constant = 1.38 × 10–23 J/K
• T = temperature in kelvins (K)
Source resistance, RS (:)
0.1n
1n
10n
100n
1P
10P
1
10
100
1k
10k
100k
1M
Resistor Noise
OPA828
OPA211
Figure 7-7. Noise Performance of the OPA828 and OPA211 in Unity-Gain Buffer Configuration
www.ti.com
OPA828, OPA2828
SBOS671D – SEPTEMBER 2018 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA828 OPA2828



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com