Electronic Components Datasheet Search
  English  ▼

X  

OPA828 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA828
Description  OPAx828 Low-Offset, Low-Drift, Low-Noise, 45-MHz, 36-V, JFET-Input Operational Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA828 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA828 Datasheet HTML 9Page - Texas Instruments OPA828 Datasheet HTML 10Page - Texas Instruments OPA828 Datasheet HTML 11Page - Texas Instruments OPA828 Datasheet HTML 12Page - Texas Instruments OPA828 Datasheet HTML 13Page - Texas Instruments OPA828 Datasheet HTML 14Page - Texas Instruments OPA828 Datasheet HTML 15Page - Texas Instruments OPA828 Datasheet HTML 16Page - Texas Instruments OPA828 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
6.6 Typical Characteristics (continued)
At TA = 25°C, RL = 2 kΩ connected to midsupply, and VCM = VOUT = midsupply, and VS = ±18 V (unless otherwise noted)
Time (100 ns/div)
Input
Output
Figure 6-31. Positive Overload Recovery
Time (100 ns/div)
Input
Output
Figure 6-32. Negative Overload Recovery
Time ( s)
0
0.5
1
1.5
2
-100
-80
-60
-40
-20
0
20
40
60
80
100
G =
−1
G = +1
Figure 6-33. Small-Signal Step Response
Time (100 ns/div)
Input
Output
Figure 6-34. Large-Signal Step Response
Time (100 ns/div)
Falling
Rising
Figure 6-35. 12-bit Settling Time
Time (100 ns/div)
Falling
Rising
Figure 6-36. 14-bit Settling Time
www.ti.com
OPA828, OPA2828
SBOS671D – SEPTEMBER 2018 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA828 OPA2828



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com