Electronic Components Datasheet Search
  English  ▼

X  

OPA828 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # OPA828
Description  OPAx828 Low-Offset, Low-Drift, Low-Noise, 45-MHz, 36-V, JFET-Input Operational Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA828 Datasheet(HTML) 23 Page - Texas Instruments

Back Button OPA828 Datasheet HTML 19Page - Texas Instruments OPA828 Datasheet HTML 20Page - Texas Instruments OPA828 Datasheet HTML 21Page - Texas Instruments OPA828 Datasheet HTML 22Page - Texas Instruments OPA828 Datasheet HTML 23Page - Texas Instruments OPA828 Datasheet HTML 24Page - Texas Instruments OPA828 Datasheet HTML 25Page - Texas Instruments OPA828 Datasheet HTML 26Page - Texas Instruments OPA828 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
7.3.7 Settling Time
Settling time is a measure of an amplifier output to settle to within some percentage (error band) of the input
amplitude and is used to describe an amplifier response to a step input. An amplifier settling time is comprised
of both a large signal response and small signal response. The large signal response is characterized by the
rise and fall times, whereas the small signal response is characterized by overshoot and ringing. Figure 7-10
illustrates the concepts and terminology associated with an amplifier settling time. Specifically, the settling time is
defined as the time the output takes to settle to within a specified error band from the time the input signal was
applied.
Time
Output
Voltage
û
VOUT
û
t
0
0.1
0.9
1
1+0
1-0
Error Band
Overshoot
Settling Time
Figure 7-10. Settling Time
The OPAx828 minimize settling time for high-resolution systems in two ways. First, by incorporating an internal
slew-boost circuit that minimizes rise and fall times, Second, by having wide bandwidth with excellent phase
margin with low ringing, enabling small signal settling in minimal time. The OPAx828 are trimmed in laser
production that minimizes part-to-part variation in the device slew rate, bandwidth, and phase margin, thus
mainlining excellent unit-to-unit variations across all manufacturing lots.
7.3.8 Slew Rate
The parameter of an amplifier that best describes the large-signal dynamic behavior is the slew rate. Slew rate is
a measure of the maximum rate of change of the output voltage with respect to time, and is generally expressed
in units of volts-per-microsecond, (V/µs). Typically, the slew rate is measured as the time for the output to swing
from 10% of the final value to 90% of the final value. The slew rate for the signal illustrated in Figure 7-10 is
given by Equation 3.
90
10
90
10
OUT
OUT
OUT
V
V
V
Slew Rate
t
t
t
'
'
(3)
The slew rate of an amplifier is limited by the internal architecture of the amplifier, the amplifier quiescent
power and internal capacitances. The OPAx828 maximize the slew rate by incorporating a slew-boost circuit.
The proprietary slew boost circuit used in the OPAx828 results in a very high slew rate while maintaining low
quiescent power levels. The internal slew boost circuit measures the input differential voltage present between
the +IN and –IN input pins. If this input differential voltage is sufficiently large enough, the internal slew-boost
circuit increases the internal biasing currents of the amplifier, thereby increasing the ability of the output to slew
faster. To provide optimal dynamic performance, place power-supply bypass capacitors close to the OPAx828.
If the inputs of the amplifier have a large static or dc differential voltage present, the OPAx828 recognize that
condition; not as an indicator of the need to slew faster, but rather as an overload condition. In this case, the
OPAx828 internal biasing currents do not increase, and the quiescent current remains unchanged from normal
operation.
www.ti.com
OPA828, OPA2828
SBOS671D – SEPTEMBER 2018 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: OPA828 OPA2828



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com