Electronic Components Datasheet Search
  English  ▼

X  

OPA828 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA828
Description  OPAx828 Low-Offset, Low-Drift, Low-Noise, 45-MHz, 36-V, JFET-Input Operational Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA828 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA828 Datasheet HTML 12Page - Texas Instruments OPA828 Datasheet HTML 13Page - Texas Instruments OPA828 Datasheet HTML 14Page - Texas Instruments OPA828 Datasheet HTML 15Page - Texas Instruments OPA828 Datasheet HTML 16Page - Texas Instruments OPA828 Datasheet HTML 17Page - Texas Instruments OPA828 Datasheet HTML 18Page - Texas Instruments OPA828 Datasheet HTML 19Page - Texas Instruments OPA828 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
7 Detailed Description
7.1 Overview
The OPAx828 are low-noise, high-speed JFET input amplifiers that provide the highest levels of precision
and accuracy. Each device is laser trimmed in production to provide the lowest input-referred offset voltage.
Likewise, the input-referred offset voltage drift is trimmed and specified over the junction temperature range of
–40°C to +125°C. Each device also has the quiescent current laser trimmed to minimize part-to-part variations
for dynamic parameters such as input-referred noise voltage, gain-bandwidth product, slew rate, and settling
time. The combination of low-noise, dc precision, and dynamic performance of the OPAx828 is unsurpassed
in the industry with the OPAx828 taking full advantage of the latest and most advanced high-voltage, SiGe-
complementary, JFET-bipolar process technology.
7.2 Functional Block Diagram
Copyright © 2018, Texas Instruments Incorporated
+
_
GND
Buffer
JFET
gm
OUT
-IN
V+
V-
+IN
OPA828, OPA2828
SBOS671D – SEPTEMBER 2018 – REVISED DECEMBER 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA828 OPA2828



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com