Electronic Components Datasheet Search
  English  ▼

X  

OPA828 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # OPA828
Description  OPAx828 Low-Offset, Low-Drift, Low-Noise, 45-MHz, 36-V, JFET-Input Operational Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA828 Datasheet(HTML) 29 Page - Texas Instruments

Back Button OPA828 Datasheet HTML 25Page - Texas Instruments OPA828 Datasheet HTML 26Page - Texas Instruments OPA828 Datasheet HTML 27Page - Texas Instruments OPA828 Datasheet HTML 28Page - Texas Instruments OPA828 Datasheet HTML 29Page - Texas Instruments OPA828 Datasheet HTML 30Page - Texas Instruments OPA828 Datasheet HTML 31Page - Texas Instruments OPA828 Datasheet HTML 32Page - Texas Instruments OPA828 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
8.2.2 Low-Pass Filter
Copyright © 2016, Texas Instruments Incorporated
+
±
Output
Input
R1
590
R4
2.94 k
R3
499
C2
39 nF
C5
1 nF
Figure 8-5. Typical OPA828 Application Schematic
8.2.2.1 Design Requirements
Use the following parameters for this design example:
• Gain = 5 V/V (inverting gain)
• Low-pass cutoff frequency = 25 kHz
• Second-order Chebyshev filter response with 3-dB gain peaking in the pass band
8.2.2.2 Detailed Design Procedure
Figure 8-5 shows the infinite-gain multiple-feedback circuit for a low-pass network function. Equation 5 calculates
the voltage transfer function.
OutputInputs = 
−1/ R1R3C2C5
s2+ s/C2 1/R1+1/R3+1/R4 +1/R3R4C2C5
(5)
This circuit produces a signal inversion. For this circuit, Equation 6 calculates the gain at dc and the low-pass
cutoff frequency:
Gain=R4R1
fc= 12π 1/R3R4C2C5
(6)
8.2.2.3 Application Curve
Frequency (Hz)
-60
-40
-20
0
20
100
1k
10k
100k
1M
Figure 8-6. Low-Pass Filter Transfer Function
8.3 Power Supply Recommendations
The OPAx828 are specified to operate from 8 V to 36 V (±4 V to ±18 V); many specifications apply from –40°C
to +125°C. Parameters that can exhibit significant variance with regard to operating voltage or temperature are
presented in the typical characteristic curves.
www.ti.com
OPA828, OPA2828
SBOS671D – SEPTEMBER 2018 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: OPA828 OPA2828



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com