Electronic Components Datasheet Search
  English  ▼

X  

OPA828 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # OPA828
Description  OPAx828 Low-Offset, Low-Drift, Low-Noise, 45-MHz, 36-V, JFET-Input Operational Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA828 Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA828 Datasheet HTML 16Page - Texas Instruments OPA828 Datasheet HTML 17Page - Texas Instruments OPA828 Datasheet HTML 18Page - Texas Instruments OPA828 Datasheet HTML 19Page - Texas Instruments OPA828 Datasheet HTML 20Page - Texas Instruments OPA828 Datasheet HTML 21Page - Texas Instruments OPA828 Datasheet HTML 22Page - Texas Instruments OPA828 Datasheet HTML 23Page - Texas Instruments OPA828 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
7.3.4 Overload Power Limiter
Many applications have tight limits on op-amp power consumption; therefore, amplifier power consumption must
remain constant, even during fault conditions such as a large voltage across the inputs or the output hitting the
rail. In particular, high slew-rate amplifiers such as the OPAx828 temporarily increase the supply current when
the amplifier is slewing. In slew-boosted amplifiers, the presence of a large input signal can present a specific
problem because the large input signal applies a large voltage across the amplifier inputs. This large voltage
across the inputs activates the slew-boost and can lead to a significant increase in current consumption. At high
supply voltages, the large current consumption can lead to significant amplifier self-heating.
The OPAx828 offer a high slew rate of 150 V/us in combination with a low supply current of 5.5 mA. Like many
other amplifiers, these characteristics are achieved by a slew-boosting method, which temporarily increases the
amplifier current consumption when the amplifier is slewing. Such a slewing condition is detected by measuring
the voltage across the input pins. In a quiescent condition, this voltage is very small (equal to the amplifier
offset). Alternatively, if an input voltage is changed rapidly, a large voltage is applied across the inputs and
the amplifier output must slew. On the OPAx828, the supply current increase is gradual and proportional to
the applied input voltage, providing a well-behaved large step response and excellent THD. The high slew
rate makes sure the output resettles in less than about 300 ns; therefore, the increased power consumption is
absorbed by the decoupling capacitors, and does not additionally load the power supplies.
In the OPAx828, such an increase in current consumption is avoided by an additional protection circuit that
continuously monitors both the amplifier inputs and output. If a large input voltage is detected, the protection
circuit checks for the presence of a rapid change in voltage at the output. If the output voltage is not changing
(for example, because the output is at supply rails), the protection circuit disables the slew-boost circuit after a
delay of approximately 300 ns. After the overload condition is removed, the amplifier rapidly recovers to a normal
operating condition. This operation is shown in Figure 7-6, where the amplifiers supply current is measured with
decoupling capacitors removed. After 300 ns, the power consumption of the amplifier returns to quiescent levels.
At the same time, the amplifier still has an excellent overload recovery time of < 55 ns.
Time
-12
-18
-10
-12
-8
-6
-6
0
-4
6
-2
12
0
18
2
24
4
30
6
36
Competition
OPA828
Input
Output Railed
Figure 7-6. Supply Current Change With Overloaded Output
OPA828, OPA2828
SBOS671D – SEPTEMBER 2018 – REVISED DECEMBER 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA828 OPA2828



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com