Electronic Components Datasheet Search
  English  ▼

X  

OPA828 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA828
Description  OPAx828 Low-Offset, Low-Drift, Low-Noise, 45-MHz, 36-V, JFET-Input Operational Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA828 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA828 Datasheet HTML 13Page - Texas Instruments OPA828 Datasheet HTML 14Page - Texas Instruments OPA828 Datasheet HTML 15Page - Texas Instruments OPA828 Datasheet HTML 16Page - Texas Instruments OPA828 Datasheet HTML 17Page - Texas Instruments OPA828 Datasheet HTML 18Page - Texas Instruments OPA828 Datasheet HTML 19Page - Texas Instruments OPA828 Datasheet HTML 20Page - Texas Instruments OPA828 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
7.3 Feature Description
7.3.1 Phase-Reversal Protection
Many operational amplifiers exhibit a phase reversal when the input drives beyond the specified input common-
mode range. This condition is most often encountered in noninverting circuits when the input drives beyond
the specified common-mode voltage range, which can cause the output to reverse into the opposite rail. The
OPAx828 have an internal phase-reversal protection circuitry. The input architecture of the OPAx828 prevents
phase reversal with input common-mode voltages that exceed the specified maximum and minimum values.
The OPAx828 output limits to the appropriate rail. Figure 7-1 shows this performance. When input voltages can
exceed the minimum or maximum specified limits, make sure to limit the maximum input current through internal
ESD protection diodes.
Time (200 Ps/div)
Input
Output
Figure 7-1. No Phase Reversal
7.3.2 Electrical Overstress
The OPAx828 are internally protected against electrostatic discharge (ESD) events that can occur during
manufacturing, handling, or printed-circuit-board (PCB) assembly. The internal ESD protection diodes are not
intended to protect the OPAx828 during normal operation when the devices are operating under power. The ESD
protection circuitry involves several current-steering diodes connected from the input and output pins and routed
back to the internal power-supply lines, where the diodes meet at the power-supply ESD cell, an absorption
device, internal to the operational amplifiers. This protection circuitry is intended to remain inactive during normal
circuit operation. In cases where the inputs or output can be driven above the positive power supply or below
the negative power supply, make sure to limit the current through the internal diodes to 10 mA or less. In harsh
electrical environments, external protection circuitry can be required depending on the application requirements
and environmental conditions.
+
±
+IN
-IN
V+
V-
OUT
Copyright © 2018, Texas Instruments Incorporated
Figure 7-2. Equivalent Internal ESD Circuitry
www.ti.com
OPA828, OPA2828
SBOS671D – SEPTEMBER 2018 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: OPA828 OPA2828



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com