Electronic Components Datasheet Search
  English  ▼

X  

BLE121LR Datasheet(PDF) 5 Page - Silicon Laboratories

Part # BLE121LR
Description  Renamed "Bluetooth Smart" to "Bluetooth Low Energy" according to the official Bluetooth SIG nomenclature
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BLE121LR Datasheet(HTML) 5 Page - Silicon Laboratories

  BLE121LR Datasheet HTML 1Page - Silicon Laboratories BLE121LR Datasheet HTML 2Page - Silicon Laboratories BLE121LR Datasheet HTML 3Page - Silicon Laboratories BLE121LR Datasheet HTML 4Page - Silicon Laboratories BLE121LR Datasheet HTML 5Page - Silicon Laboratories BLE121LR Datasheet HTML 6Page - Silicon Laboratories BLE121LR Datasheet HTML 7Page - Silicon Laboratories BLE121LR Datasheet HTML 8Page - Silicon Laboratories BLE121LR Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Silicon Labs
Page 5 of 35
1 Design Check List
Min 17mm
Min 17mm
Metal clearance
area
Board edge
•
Make sure that the programing
interface (P2_, P2_2, reset) is available
for debugging or FW updates
•
Add test points for testing the current
consumption
•
Make sure that all the IO’s are in a
known state
•
Make sure that the layout under the
antenna is done as instructed
Place large capacitor in parallel
with the battery to reduce the
peak current drawn from the
battery
The external DCDC converter
will reduce the maximum TX
power by ~2 dB
The DCDC pin (P1_7) can only be
used for controlling the external
DCDC. The operation of P1_7 must
not be altered by SW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com