Electronic Components Datasheet Search
  English  ▼

X  

BLE121LR Datasheet(PDF) 18 Page - Silicon Laboratories

Part # BLE121LR
Description  Renamed "Bluetooth Smart" to "Bluetooth Low Energy" according to the official Bluetooth SIG nomenclature
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BLE121LR Datasheet(HTML) 18 Page - Silicon Laboratories

Back Button BLE121LR Datasheet HTML 14Page - Silicon Laboratories BLE121LR Datasheet HTML 15Page - Silicon Laboratories BLE121LR Datasheet HTML 16Page - Silicon Laboratories BLE121LR Datasheet HTML 17Page - Silicon Laboratories BLE121LR Datasheet HTML 18Page - Silicon Laboratories BLE121LR Datasheet HTML 19Page - Silicon Laboratories BLE121LR Datasheet HTML 20Page - Silicon Laboratories BLE121LR Datasheet HTML 21Page - Silicon Laboratories BLE121LR Datasheet HTML 22Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Silicon Labs
Page 18 of 35
R
Transmitter
Receiver
Figure 13: RF propagation area between TX and RX
-120
-110
-100
-90
-80
-70
-60
-50
-40
10
100
1000
Antennas @ 0.5m
Antennas @ 1.0m
Antennas @ 1.5m
Distance (m)
Distance (m)
Height (m)
Range = 470m
Range = 310m
Range = 160m
Figure 14: Impact of module height above GND to RF path loss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com