Electronic Components Datasheet Search
  English  ▼

X  

BLE121LR Datasheet(PDF) 28 Page - Silicon Laboratories

Part # BLE121LR
Description  Renamed "Bluetooth Smart" to "Bluetooth Low Energy" according to the official Bluetooth SIG nomenclature
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BLE121LR Datasheet(HTML) 28 Page - Silicon Laboratories

Back Button BLE121LR Datasheet HTML 24Page - Silicon Laboratories BLE121LR Datasheet HTML 25Page - Silicon Laboratories BLE121LR Datasheet HTML 26Page - Silicon Laboratories BLE121LR Datasheet HTML 27Page - Silicon Laboratories BLE121LR Datasheet HTML 28Page - Silicon Laboratories BLE121LR Datasheet HTML 29Page - Silicon Laboratories BLE121LR Datasheet HTML 30Page - Silicon Laboratories BLE121LR Datasheet HTML 31Page - Silicon Laboratories BLE121LR Datasheet HTML 32Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Silicon Labs
Page 28 of 35
operation. I2C support is compliant with the NXP I2C specification version 2.1 and supports standard mode
(up to 100 kbps) and fast mode (up to 400 kbps). In addition, 7-bit device addressing modes are supported, as
well as master and slave modes..
The ultralow-power analog comparator enables applications to wake up from PM2 or PM3 based on an analog
signal. Both inputs are brought out to pins; the reference voltage must be provided externally. The comparator
output is connected to the I/O controller interrupt detector and can be treated by the MCU as a regular I/O pin
interrupt.
RF front end
RF front end includes balun, power amplifier, low noise amplifier, band pass filter, and a ceramic chip antenna
with matching network. Optimal matching combined with effective low pass filter provides extremely low in-
band spurious emissions and harmonics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com