Electronic Components Datasheet Search
  English  ▼

X  

BLE121LR Datasheet(PDF) 12 Page - Silicon Laboratories

Part # BLE121LR
Description  Renamed "Bluetooth Smart" to "Bluetooth Low Energy" according to the official Bluetooth SIG nomenclature
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BLE121LR Datasheet(HTML) 12 Page - Silicon Laboratories

Back Button BLE121LR Datasheet HTML 8Page - Silicon Laboratories BLE121LR Datasheet HTML 9Page - Silicon Laboratories BLE121LR Datasheet HTML 10Page - Silicon Laboratories BLE121LR Datasheet HTML 11Page - Silicon Laboratories BLE121LR Datasheet HTML 12Page - Silicon Laboratories BLE121LR Datasheet HTML 13Page - Silicon Laboratories BLE121LR Datasheet HTML 14Page - Silicon Laboratories BLE121LR Datasheet HTML 15Page - Silicon Laboratories BLE121LR Datasheet HTML 16Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Silicon Labs
Page 12 of 35
4.4 Current Consumption
Power mode
hardware.xml
Min
Typ
Max
Unit
Transmit
(3V0 supply,
without DCDC)
<txpower power = ”1”/>
<slow clock enable = ”true”/>
25
mA
<txpower power = ”9”/>
<slow clock enable = ”true”/>
36
mA
<txpower power = ”9”/>
<slow
clock enable = ”false”/>
39
mA
Transmit
(With DCDC)
<txpower power = ”9”/>
<slow clock enable = ”true”/>
32 **
mA
<txpower power = ”9”/>
<slow clock enable = ”false”/>
35 **
mA
Receive
<slow clock enable = ”true”/>
28
mA
<slow clock enable
= ”false”/>
33
mA
Power mode 1
<sleeposc enable="true" ppm="30" />
2.7
mA
Power mode 2
<sleeposc enable="true" ppm="30" />
1.3
µA
Power mode 3
***
0.5
µA
**) Using DCDC reduces transmit power by ~2 dB and thus lowers also the peak current drawn by the module
***) To enter PM1 and PM2 sleep oscillator must be enabled in the hardware.xml. PM3 is not dependent on
the sleep clock. The module will enter PM3 automatically when there is no activity which would require clock.
PM3 can be disabled in hard
ware.xml, for example <sleep enable=“true” max_mode=”2” />
Figure 2: BLE121LR TX peak current as a function of the setting in the HW configuration file
1ms/div
TX peak 39 mA
(slow clock disabled)
RX peak 33 mA
(slow clock disabled)
TX peak 36 mA
(slow clock enabled)
RX peak 28 mA
(slow clock enabled)
11mA
11mA
1.3uA
1.3uA
Figure 3: Typical current consumption profile while advertising



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com