Electronic Components Datasheet Search
  English  ▼

X  

BLE121LR Datasheet(PDF) 9 Page - Silicon Laboratories

Part # BLE121LR
Description  Renamed "Bluetooth Smart" to "Bluetooth Low Energy" according to the official Bluetooth SIG nomenclature
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BLE121LR Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button BLE121LR Datasheet HTML 5Page - Silicon Laboratories BLE121LR Datasheet HTML 6Page - Silicon Laboratories BLE121LR Datasheet HTML 7Page - Silicon Laboratories BLE121LR Datasheet HTML 8Page - Silicon Laboratories BLE121LR Datasheet HTML 9Page - Silicon Laboratories BLE121LR Datasheet HTML 10Page - Silicon Laboratories BLE121LR Datasheet HTML 11Page - Silicon Laboratories BLE121LR Datasheet HTML 12Page - Silicon Laboratories BLE121LR Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Silicon Labs
Page 9 of 35
HARDWARE.XML Example (*
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
2
1
0
A7 A6 A5 A4 A3 A2 A1 A0
Alt.1
C
SS MO MI
<usart channel="0" mode="spi_master" alternate="1" ...
Alt.2
MO MI
C
SS
<usart channel="0" mode="spi_master" alternate="2" ...
Alt.1
RT CT TX RX
<usart channel="0" mode="uart" alternate="1" ...
Alt.2
TX RX RT CT
<usart channel="0" mode="uart" alternate="2" ...
USART 1 SPI (**
Alt.1
MI MO
C
SS
<usart channel="1" mode="spi_master" alternate="1" ...
USART 1 UART
Alt.1
RX TX RT CT
<usart channel="1" mode="uart" alternate="1" ...
Alt.1
4
3
2
1
0
<timer index="1" alternate="1" ...
Alt.2
3
4
0
<timer index="1" alternate="2" ...
Alt.1
1
0
<timer index="3" alternate="1" ...
Alt.2
0
<timer index="3" alternate="2" ...
Alt.1
<timer index="4" alternate="1" ...
Alt.2
0
<timer index="4" alternate="2" ...
DC DD
5
4
3
2
TIMER 3
TIMER 4
P0
USART 0 UART
TIMER 1
P1
PERIPHERAL /
FUNCTION
P2
USART 0 SPI (**
R
E
S
E
R
V
E
D
R
E
S
E
R
V
E
D
D
C
D
C
C
O
N
T
R
O
L
DEBUG
OBSSEL
ADC
*) Refer to BLE Configuration Guide for detailed settings
**) SS is the slave select signal when BLE121LR is set as SPI slave. When set as SPI master, any available I/O can be used as chip select signal of
BLE121LR
NOTE: Pins configured as peripheral I/O signals do not have pull-up / -down capability
Table 4: Peripheral I/O Pin Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com