Electronic Components Datasheet Search
  English  ▼

X  

BLE121LR Datasheet(PDF) 10 Page - Silicon Laboratories

Part # BLE121LR
Description  Renamed "Bluetooth Smart" to "Bluetooth Low Energy" according to the official Bluetooth SIG nomenclature
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BLE121LR Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button BLE121LR Datasheet HTML 6Page - Silicon Laboratories BLE121LR Datasheet HTML 7Page - Silicon Laboratories BLE121LR Datasheet HTML 8Page - Silicon Laboratories BLE121LR Datasheet HTML 9Page - Silicon Laboratories BLE121LR Datasheet HTML 10Page - Silicon Laboratories BLE121LR Datasheet HTML 11Page - Silicon Laboratories BLE121LR Datasheet HTML 12Page - Silicon Laboratories BLE121LR Datasheet HTML 13Page - Silicon Laboratories BLE121LR Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Silicon Labs
Page 10 of 35
3.1 I/O Ports
3.1.1 I/O Configurations
Each I/O port can be configured as an input or output. When configured as input, each I/O port can also be
configured with internal pull-up, pull-down or tri-state. Pull-down or pull-up can only be configured to whole
port, not individual pins. Unused I/O pins should have defined level and not be floating. See the BLE
Configuration Guide for more information about the configuration.
During reset the I/O pins are configured as inputs with pull-ups.
Note: Pins configured as peripheral I/O signals do not have pull-up / -down capability
3.1.2 Rese
rved I/O’s
The high current driving pins P1_0 and P1_1 are reserved for the internal RF front end control. These pins are
not exposed in BLE121LR and they can’t be used for application purposes.
P1_7 is also used for the RF front end control but as an output it can be used to control the external DCDC for
lowering the peak current drawn from the battery
. The function of P1_7 can’t be altered. If external DCD is not
used then P1_7 should be left not connected.
3.2 UART
UART baud rate can be configured up 2 Mbps. See the BLE Configuration Guide for more information.
Following table lists commonly used baud rates for BLE121LR
Baud rate (bps)
Error (%)
2400
0.14
4800
0.14
9600
0.14
14 400
0.03
19 200
0.14
28 800
0.03
38 400
0.14
57 600
0.03
76 800
0.14
115 200
0.03
230 400
0.03
Table 5: Commonly used baud rates for BLE121LR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com